Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F002BB-55PD Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM29F002BB-55PD
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002BB-55PD Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM29F002BB-55PD Datasheet HTML 34Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 35Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 36Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 37Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 38Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 39Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 40Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 41Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 42Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
November 1, 2006 21527D5
Am29F002B/Am29F002NB
39
D A TA
SH EE T
REVISION SUMMARY
Revision A (July 1998)
Initial release.
Revision B (January 1999)
Distinctive Characteristics
Added:
■ 20-year data retention at 125°C
— Reliable operation for the life of the system
AC Characterisitics—Read Operations Table
tEHQZ, tGHQZ: Changed the 55 speed option to 15 ns
from 20 ns
AC Characteristics—Erase/Program Operations
tWLAX: Changed the 90 speed option to 45 ns from 50 ns.
tDVWH: Changed the 55 speed option to 25 ns from 30 ns.
tWLWH: changed the 55 speed option to 30 ns from 35 ns.
AC Characteristics—Alternate CE# Controlled
Erase/Program Operations
tDVEH: Changed the 55 speed option to 25 ns from 30 ns.
tELEH: Changed the 55 speed option to 30 ns from 35 ns.
tELAX: Changed the 90 speed option to 45 ns from 50 ns.
DC Characteristics—TTL/NMOS Compatible
ICC1, ICC2, ICC3, ICC4: Added Note 2 “Maximum ICC
specifications are tested with VCC = VCCmax”.
DC Characteristics—CMOS Compatible
ICC1, ICC2, ICC3, ICC4: Added Note 2 “Maximum ICC
specifications are tested with VCC = VCCmax”.
Revision C (November 12, 1999)
AC Characteristics—Figure 11. Program
Operations Timing and Figure 12. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision D (November 28, 2000)
Global
Added table of contents.
Ordering Information
Deleted burn-in option.
Table 5, Command Definitions
In Note 4, changed the lower address bit of don’t care
range to A11.
Revision D +1 (November 5, 2004)
Ordering Information and Valid Combinations
Added Pb-Free options
Revision D +2 (August 3, 2005)
Ordering Information and Valid Combinations
Added Pb-Free options
Revision D3 (December 13, 2005)
Global
Deleted 120 ns speed option.
Revision D4 (May 17, 2006)
Added “Not recommended for new designs” note.
Revision D5 (November 1, 2006)
Deleted “Not recommended for new designs” note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com