Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F002BB-55PD Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29F002BB-55PD
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002BB-55PD Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29F002BB-55PD Datasheet HTML 5Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 6Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 7Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 8Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 9Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 10Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 11Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 12Page - Advanced Micro Devices AM29F002BB-55PD Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
November 1, 2006 21527D5
Am29F002B/Am29F002NB
7
D A TA
SH EE T
ORDERING INFORMATION
Standard Product
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29F002B/
Am29F002NB
T
-55
P
C
TEMPERATURE RANGE
C
=
Commercial (0°C to +70°C)
I
=
Industrial (–40°C to +85°C)
E
=
Extended (–55°C to +125°C)
D
=
Commercial (0°C to +70°C) for Pb-free Package
F
=
Industrial (–40°C to +85°C) for Pb-free Package
K
=
Extended (–55°C to +125°C) for Pb-free Package
PACKAGE TYPE
P
=
32-Pin Plastic DIP (PD 032)
J
=
32-Pin
Rectangular Plastic Leaded Chip Carrier (PL 032)
E
=
32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29F002B/Am29F002NB
2 Megabit (256 K x 8-Bit) CMOS Flash Memory
5.0 Volt-only Program and Erase
Valid Combinations
VCC Voltage
AM29F002BT-55
AM29F002BB-55
AM29F002NBT-55
AM29F002NBB-55
PC,
JC, JI,
EC, EI, ED, EF,
PD, JD, JF
5.0 V ± 5%
AM29F002BT-70
AM29F002BB-70
AM29F002NBT-70
AM29F002NBB-70
PC, PI,
JC, JI,
EC, EI, ED, EF
PD, PF, JD, JF
5.0 V ± 10%
AM29F002BT-90
AM29F002BB-90
AM29F002NBT-90
AM29F002NBB-90
PC, PI, PE,
JC, JI, JE,
EC, EI, EE
ED, EF, EK
PD, PF, PK
JD, JF, JK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com