Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F010B35DGI1 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29F010B35DGI1
Description  1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010B35DGI1 Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29F010B35DGI1 Datasheet HTML 1Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 2Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 3Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 4Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 5Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 6Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 7Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 8Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SUPPLEMENT
Publication# 23479
Rev: A Amendment/0
Issue Date: October 23, 2003
Am29F010B Known Good Die
1 Megabit (128 K x 8-Bit)
CMOS 5.0 Volt-only, Uniform Sector Flash Memory—Die Revision 1
DISTINCTIVE CHARACTERISTICS
■ Single power supply operation
— 5.0 V ± 10% for read, erase, and program operations
— Simplifies system-level power requirements
■ Manufactured on 0.32 µm process technology
— Compatible with Am29F010 and Am29F010A
device
■ High performance
— 90 or 120 ns maximum access time
■ Low power consumption
— 12 mA typical active read current
— 30 mA typical program/erase current
— <1 µA typical standby current
■ Flexible sector architecture
— Eight uniform sectors
— Any combination of sectors can be erased
— Supports full chip erase
■ Sector protection
— Hardware-based feature that disables/re-enables
program and erase operations in any
combination of sectors
— Sector protection/unprotection can be
implemented using standard PROM
programming equipment
■ Embedded Algorithms
— Embedded Erase algorithm automatically
pre-programs and erases the chip or any
combination of designated sector
— Embedded Program algorithm automatically
programs and verifies data at specified address
■ Erase Suspend/Resume
— Supports reading data from a sector not
being erased
■ Minimum 1,000,000 program/erase cycles
guaranteed
■ 20-year data retention at 125
°C
— Reliable operation for the life of the system
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash
— Superior inadvertent write protection
■ Data# Polling and Toggle Bits
— Provides a software method of detecting program
or erase cycle completion
■ Tested to datasheet specifications at
temperature
■ Quality and reliability levels equivalent to
standard packaged components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com