Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F010B35DGI1 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM29F010B35DGI1
Description  1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010B35DGI1 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM29F010B35DGI1 Datasheet HTML 1Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 2Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 3Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 4Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 5Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 6Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 7Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 8Page - Advanced Micro Devices AM29F010B35DGI1 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2
Am29F010B Known Good Die
SU PP L E ME NT
GENERAL DESCRIPTION
The Am29F010B in Known Good Die (KGD) form is a
1 Mbit, 5.0 Volt-only Flash memory. AMD defines KGD
as standard product in die form, tested for functionality
and speed. AMD KGD products have the same reli-
ability and quality as AMD products in packaged form.
The Am29F010B is a 1 Mbit, 5.0 Volt-only Flash
memory organized as 131,072 bytes. The Am29F010B
is offered in 32-pin PDIP, PLCC and TSOP packages.
The byte-wide data appears on DQ0-DQ7. The de-
vice is designed to be programmed in-system with the
standard system 5.0 Volt VCC supply. A 12.0 volt VPP is not
required for program or erase operations. The device can
also be programmed or erased in standard EPROM
programmers.
This device is manufactured using AMD’s 0.32 µm pro-
cess technology, and offers all the features and benefits
of the Am29F010 and Am29F010A.
The standard device offers access times of 45, 55, 70,
90, and 120 ns, allowing high-speed microprocessors
to operate without wait states. To eliminate bus conten-
tion the device has separate chip enable (CE#), write
enable (WE#) and output enable (OE#) controls.
The device requires only a single 5.0 volt power sup-
ply for both read and write functions. Internally
generated and regulated voltages are provided for the
program and erase operations.
The device is entirely command set compatible with the
JEDEC single-power-supply Flash standard. Com-
mands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as input to an internal state machine that
controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed
for the programming and erase operations. Reading
data out of the device is similar to reading from other
Flash or EPROM devices.
Device programming occurs by executing the program
command sequence. This invokes the Embedded Pro-
gr a m a l go r i t h m — an in te r n a l a l go r i t h m t h at
automatically times the program pulse widths and
verifies proper cell margin.
Device erasure occurs by executing the erase com-
mand sequence. This invokes the Embedded Erase
algorithm—an internal algorithm that automatically
preprograms the array (if it is not already programmed)
before executing the erase operation. During erase, the
device automatically times the erase pulse widths and
verifies proper cell margin.
The host system can detect whether a program or
erase operation is complete by reading the DQ7 (Data#
Polling) and DQ6 (toggle) status bits. After a program
or erase cycle has been completed, the device is ready
to read array data or accept another command.
The sector erase architecture allows memory sectors
to be erased and reprogrammed without affecting the
data contents of other sectors. The device is erased
when shipped from the factory.
The hardware data protection measures include a
low VCC detector automatically inhibits write operations
during power transitions. The hardware sector protec-
tion feature disables both program and erase operations
in any combination of the sectors of memory, and is im-
plemented using standard EPROM programmers.
The system can place the device into the standby mode.
Power consumption is greatly reduced in this mode.
AMD’s Flash technology combines years of Flash
memory manufacturing experience to produce the
highes t leve ls of quality, reliability, and c o st
effectiveness. The device electrically erases all bits
within a sector simultaneously via Fowler-Nordheim
tunneling. The bytes are programmed one byte at a
time using the EPROM programming mechanism of hot
electron injection.
Electrical Specifications
Refer to the Am29F010B data sheet, publication
number 22336, for full electrical specifications for the
Am29F010B in KGD form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com