Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM111 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LM111
Description  Voltage comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM111 Datasheet(HTML) 2 Page - NXP Semiconductors

  LM111 Datasheet HTML 1Page - NXP Semiconductors LM111 Datasheet HTML 2Page - NXP Semiconductors LM111 Datasheet HTML 3Page - NXP Semiconductors LM111 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Philips Semiconductors Linear Products
Product specification
LM111/211/311/
LM311B
Voltage comparator
August 31, 1994
274
EQUIVALENT SCHEMATIC
BALANCE/
STROBE
BALANCE
R3
300
R1
1.3K
R4
300
R2
1.3K
Q8
R5
70
Q5
R6
1.2K
R7
1.2K
Q7
Q3
R8
750
Q10
R9
600
Q11
Q20
Q19
Q8
Q9
Q18
R10
4K
Q13
Q12
Q14
OUTPUT
V+
Q15
R11
130
R12
600
R13
4
Q18
V–
Q17
R15
450
R15
400
R14
2K
R17
60
Q22
R18
200
Q4
Q2
Q23
R19
250
Q2
D1
5V
D2
5V
Q1
INPUTS
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VS
Total supply voltage
36
V
Output to negative supply voltage:
LM111/LM211
50
V
LM311/LM311B
40
V
Ground to negative supply voltage
30
V
Differential input voltage
±30
V
VIN
Input voltage1
±15
V
PD MAX
Maximum power dissipation,
TA=25°C (still-air)2
F package
810
mW
N package
1190
mW
D package
780
mW
I
Output short-circuit duration
10
sec
TA
Operating ambient temperature range
LM111
-55 to +125
°C
LM211
-25 to +85
°C
LM311/LM311B
0 to +70
°C
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead soldering temperature
(10sec max)
300
°C
NOTES:
1. This rating applies for
±15V supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is
equal to the negative supply voltage or 30V below the positive supply, whichever is less.
2. Derate above 25
°C, at the following rates: F package at 6.4mW/°C; N package at 9.5mW/°C; D package at 6.2m/W°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com