Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM111 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LM111
Description  Voltage comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM111 Datasheet(HTML) 3 Page - NXP Semiconductors

  LM111 Datasheet HTML 1Page - NXP Semiconductors LM111 Datasheet HTML 2Page - NXP Semiconductors LM111 Datasheet HTML 3Page - NXP Semiconductors LM111 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Philips Semiconductors Linear Products
Product specification
LM111/211/311/
LM311B
Voltage comparator
August 31, 1994
275
DC ELECTRICAL CHARACTERISTICS1, 2, 3, 6
Over temperature range unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LM111/LM211
LM311
LM311B
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
Input offset voltage3
TA=25°C, RS≤50kΩ
0.7
3.0
2.0
7.5
2.0
7.5
mV
IOS
Input offset current3
TA=25°C
4.0
10
6.0
50
6
25
nA
IBIAS
Input bias current
TA=25°C
60
100
100
250
100
200
nA
AV
Voltage gain
TA=25°C
200
200
200
V/mV
Response time4
TA=25°C
200
200
500
ns
VSAT
Saturation voltage
LM111/211 VIN≤-5mV,
IOUT=50mA
LM311/B VIN≤-10mV,
IOUT=50mA
TA=25°C
0.75
1.5
0.75
1.5
0.75
1.5
V
IBAL/STR
Strobe on current
TA=25°C
3.0
3.0
3.0
mA
ILEAKAGE
Output leakage current6
LM111/211 VIN≥5mV,
VOUT=35V
LM311/B VIN≥10mV,
VOUT=35V
TA=25°C,
ISTROBE=3mA
(V– = VGND = –5V)
0.2
10
0.2
50
0.2
50
nA
VOS
Input offset voltage3
RS≤50kΩ
4.0
10
10
mV
IOS
Input offset current3
20
70
50
nA
IBIAS
Input bias current
150
300
250
nA
VIN
Input voltage range
V=
±15V (Pin 7 may go
to 5V)
-14.5
13.8
to
-14.7
13.0
-14.5
13.8
to
-14.7
13.0
V–
+0.5
V+
–1.5
V
VOL
Saturation voltage6
V+
≥ 4.5V, V- = 0
LM111/211 VIN≤-6mV,
ISINK≤8mA
LM311/B VIN≤-10mV,
ISINK≤8mA
0.23
0.4
0.23
0.4
0.23
0.4
V
IOH
Output leakage current
VIN≥5mV, VOUT=35V
0.1
0.5
µA
ICC
Positive supply current
TA=25°C
5.1
6.0
5.1
7.5
1.6
3.5
mA
IEE
Negative supply voltage
TA=25°C
4.1
5.0
4.1
5.0
mA
NOTES:
1. This rating applies for
±15V supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is
equal to the negative supply voltage or 30V below the positive supply, whichever is less.
2. These specifications apply for VS=±15V and 0°C < TA < 70°C unless otherwise specified. With the LM211, however, all temperature
specifications are limited to -25
°C ≤ TA ≤ 85°C and for the LM111 is limited to -55°C TA < 125°C. The offset voltage, offset current, and bias
current specifications apply for any supply voltage from a single 5V supply up to
±15V supplies.
3. The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with 1mA
load. Thus, these parameters define an error band and take into account the worst case effects of voltage gain and input impedance.
4. The response time specified is for a 100mV input step with 5mV over-drive.
5. Do not short the strobe pin to ground; it should be current driven at 3mA to 5mA.
6. LM311B, all parameters are at V+ = 3V
±10%, V– = GND = 0V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com