Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07CSZ Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # OP07CSZ
Description  Low offset single operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

OP07CSZ Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  OP07CSZ Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. OP07CSZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. OP07CSZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. OP07CSZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. OP07CSZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
u Guoxin
semiconductor co., ltd
togethe
r 4 page
Block graph
Limit parameter (absolute maximum rating, unless otherwise specified, Tamb=25°C)
Parameter name
symbol
numerical value
unit
Power supply voltage
Vcc
±20
V
input voltage
Vi
±18
V
Input differential voltage
Vid
±30
V
Working temperature
TOPR
- 10~+85
storage temperature
TSTG
- 40~+150
Electrical characteristics (VCC = 15V, Tamp = 25°C shall be specified separately)
symbol
describe
numerical value
unit
minimum
value
typical
value
maximum
Vio
offset voltage
0°C<Tamb<70°C
150
250
uV
uV
DVio
Offset temperature drift
1.8
uV/°C
Iio
Input offset current
8
nA
Iib
Input bias current
28
nA
Vicm
Input common- mode voltage
0°C<Tamb<70 °C
±13
±13
±13.5
V
CMR
common mode rejection ratio
100
dB
SVR
Power supply rejection ratio
90
dB
Avd
Large Signal Voltage Gain
VCC=±15V, RL=
2kΩ, VO=±10V,
100
V/mV
Low offset single operational amplifier
UMW
R
OP07
°C
°C
www.umw-ic.com
2
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com