Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07CSZ Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # OP07CSZ
Description  Low offset single operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

OP07CSZ Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  OP07CSZ Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. OP07CSZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. OP07CSZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. OP07CSZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. OP07CSZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
semiconductor co., ltd
togethe
r 4 page
Low offset single operational amplifier
Summary
OP07C is a high precision operational
amplifier, and its maximum offset voltage is
controlled at 150uV. The gain reaches
200V/mV. Therefore, OP07C is especially suitable
for instruments and other aspects.
OP07C has a wide input voltage range.
(±13V), and the common mode rejection ratio
(CMRR) of more than 100DB, which also maintains
excellent linearity and gain accuracy in high closed-
loop gain circuits.
Main feature
Maximum offset voltage 150uV MAX
Low offset current Iio=1.3nA typ
The working voltage range is ±3V to ±20V.
Pin information
Input offset zeroing circuit
Guoxin
UMW
R
OP07
•
•
•
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
SOP-8


Similar Part No. - OP07CSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP07CSZ AD-OP07CSZ Datasheet
311Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. D
OP07CSZ AD-OP07CSZ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07CSZ AD-OP07CSZ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07CSZ AD-OP07CSZ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07CSZ AD-OP07CSZ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
More results

Similar Description - OP07CSZ

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
Low Offset Voltage Operational Amplifier
Rev 1; 8/95
logo
National Semiconductor ...
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
Low Offset, Low Drift Operational Amplifier
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177_04 Datasheet
136Kb / 5P
Ultra Low Offset Voltage Operational Amplifier
November 2004
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
Low Offset RRO Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
logo
STMicroelectronics
OP07 STMICROELECTRONICS-OP07 Datasheet
94Kb / 8P
Very low offset single bipolar operational amplifier
23-Jul-2007
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
Low Offset, Low Drift Operational Amplifier
logo
New Japan Radio
NJM2748 NJRC-NJM2748 Datasheet
309Kb / 13P
Low Offset, Low Drift single JFET Input Operational Amplifier
Ver.2007-05-24
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com