Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD15VL1BA Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD15VL1BA
Description  Solid-state silicon-avalanche technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PESD15VL1BA Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PESD15VL1BA Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PESD15VL1BA Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PESD15VL1BA Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PESD15VL1BA Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Characteristics
Figure 1: Peak Pulse Power vs. Pulse Time
Figure 2: Power Derating Curve
10
1
0.1
0.01
0.1
1
10
td – Pulse Duration - µs
100
1,000
110
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
Ambient Temperature - TA (℃)
Figure3: Pulse Waveform
Figure 4: Clamping Voltage vs.Ipp
110
100
90
80
70
60
50
40
30
20
10
0
Waveform
Paramters
tr=8µs
td=20µs
e-1
td=Ipp/
2
0
5
10
15
20
25
30
Time (µs)
90
80
70
60
50
40
30
20
10
0
0
2
4
6
8
10
12
Peak Pulse Current–IPP(A)
320w8/20 μs waveform
Test
Waveform
Paramters
tr=8µs
td=20µs
www.umw-ic.com
3
友台半导体有限公司
P
ESD15VL1BA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com