Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD15VL1BA Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD15VL1BA
Description  Solid-state silicon-avalanche technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PESD15VL1BA Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PESD15VL1BA Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PESD15VL1BA Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PESD15VL1BA Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PESD15VL1BA Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■
320W peak pulse power (tp = 8/20μs)
■
Bidirectional configurations
■
Solid-state silicon-avalanche technology
■
Low clamping voltage
■
Low leakage current
■
IEC 61000-4-2 ±30kV contact ±30kV air
■
IEC 61000-4-4 (EFT) 40A (5/50ns)
■
IEC 61000-4-5 (Lightning) 10A (8/20μs)
Applications
■
Microprocessor based equipment
■
Personal Digital Assistants (PDA’s)
■
Notebooks, Desktops, and Servers
■
Portable Instrumentation
■
Pagers Peripherals
Mechanical Data
■
SOD323 package
■
Molding compound flammability rating: UL94V-0
■
Packaging: Tape and Reel
■
RoHS/WEEE Compliant
SOD-323
Absolute Maximum Rating
Rating
Symbol
Value
Units
Peak Pulse Power ( tp =8/20μs)
PPP
320
W
Peak Pulse Current ( tp =8/20μs ) (note1)
Ipp
10
A
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
VESD
30
30
kV
Lead Soldering Temperature
TL
260
℃
Junction Temperature
TJ
-55 to + 150
℃
Storage Temperature
Tstg
-55 to + 150
℃
P
ESD15VL1BA
www.umw-ic.com
1
友台半导体有限公司


Similar Part No. - PESD15VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VL1BA PHILIPS-PESD15VL1BA Datasheet
179Kb / 15P
Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESD15VL1BA NXP-PESD15VL1BA Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD15VL1BA NXP-PESD15VL1BA Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
Low capacitance bidirectional ESD protection diode
13 April 2023
PESD15VL1BA-Q NEXPERIA-PESD15VL1BA-Q Datasheet
230Kb / 11P
Low capacitance bidirectional ESD protection diode
19 May 2022
More results

Similar Description - PESD15VL1BA

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DPA4119 CRYDOM-DPA4119 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
Avalanche Rugged Technology
logo
Gennum Corporation
0552T GENNUM-0552T Datasheet
147Kb / 7P
Solid-state silicon-avalanche technology
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
Solid-state technology
logo
Sangdest Microelectroni...
SD05 SMC-SD05 Datasheet
160Kb / 5P
Solid-state silicon-avalanche technology
logo
Surge Components
SES12VN1010-5 SURGE-SES12VN1010-5 Datasheet
263Kb / 4P
Solid-state silicon-avalanche technology
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
Avalanche Rugged Technology
logo
Guangdong Youtai Semico...
PESD12VL2BT UMW-PESD12VL2BT Datasheet
442Kb / 3P
Solid-state silicon-avalanche technology
PESD12VS2UT UMW-PESD12VS2UT Datasheet
544Kb / 4P
Solid-state silicon-avalanche technology
PESD5V0L1BA UMW-PESD5V0L1BA Datasheet
620Kb / 4P
Solid-state silicon-avalanche technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com