Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1LIN Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD1LIN
Description  PESD1LIN in a very small SOD323 (SC-76)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PESD1LIN Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PESD1LIN Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Characteristics
[1]
Non-repetitive current pulse 8/20
s exponential decay waveform according to IEC 61000-4-5.
Table 6.
Characteristics
Tamb = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
PESD1LIN (15 V)
-
-
15
V
PESD1LIN (24 V)
-
-
24
V
IRM
reverse leakage current
PESD1LIN (15 V)
VRWM = 15 V
-
< 1
50
nA
PESD1LIN (24 V)
VRWM = 24 V
-
< 1
50
nA
VBR
breakdown voltage
IR = 5 mA
PESD1LIN (15 V)
17.1
18.9
20.3
V
PESD1LIN (24 V)
25.4
27.8
30.3
V
Cd
diode capacitance
VR = 0 V; f = 1 MHz
-
13
17
pF
VCL
clamping voltage
[1]
PESD1LIN (15 V)
IPP = 1 A
-
-
25
V
IPP = 5 A
-
-
44
V
PESD1LIN (24 V)
IPP = 1 A
-
-
40
V
IPP = 3 A
-
-
70
V
rdif
differential resistance
PESD1LIN (15 V)
IR = 1 mA
-
-
225
PESD1LIN (24 V)
IR = 1 mA
-
-
300
Tamb =25 C
Fig 3.
Peak pulse power as a function of exponential
pulse duration; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical
values
006aaa164
103
102
104
PPP
(W)
10
tp (μs)
1104
103
10
102
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
PPP
0
PPP(25°C)
PESD1LIN
www.umw-ic.com
3
友台半导体有限公司



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com