Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1LIN Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD1LIN
Description  PESD1LIN in a very small SOD323 (SC-76)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PESD1LIN Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PESD1LIN Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. PESD1LIN Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product profile
General description
PESD1LIN in a very small SOD323 (SC-76) Surface-Mounted Device (SMD) plastic
package designed to protect one automotive Local Interconnect Network (LIN) bus
line from the damage caused by ElectroStatic Discharge (ESD) and other transients.
Features and benefits
 ESD protection of one automotive LIN-bus line
 Asymmetrical diode configuration ensures an optimized protection against
ElectroMagnetic Interferences (EMI) of a LIN Electronic Control Unit (ECU)
 Max. peak pulse power: PPP =160 W at tp =8/20 s
 Low clamping voltage: VCL =40V at IPP =1A
 Ultra low leakage current: IRM <1nA
 ESD protection of up to 23 kV
 IEC 61000-4-2, level 4 (ESD)
 IEC 61000-4-5 (surge); IPP =3A at tp =8/20 s
 AEC-Q101 qualified
Applications
 LIN-bus protection
 Automotive applications
Quick reference data
Table 1.
Quick reference data
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
PESD1LIN (15 V)
-
-
15
V
PESD1LIN (24 V)
-
-
24
V
Cd
diode capacitance
VR =0V;
f=1MHz
-13
17
pF
PESD1LIN
www.umw-ic.com
1
友台半导体有限公司
Pinning information
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode 1 (15 V)
2
cathode 2 (24 V)
2
1
12


Similar Part No. - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN PHILIPS-PESD1LIN Datasheet
86Kb / 12P
LIN bus ESD protection diode in SOD323
Rev. 01-26 October 2004
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
LIN bus ESD protection diode
Rev. 02-12 November 2008
PESD1LIN NXP-PESD1LIN Datasheet
205Kb / 12P
LIN-bus ESD protection diode ESD protection of one automotive LIN-bus line
Rev. 3-31 May 2011
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Rectron Semiconductor
PESD1LIN RECTRON-PESD1LIN Datasheet
320Kb / 9P
ESD protection diode
More results

Similar Description - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN PHILIPS-PESD1LIN Datasheet
86Kb / 12P
LIN bus ESD protection diode in SOD323
Rev. 01-26 October 2004
PMEG2020AEA PHILIPS-PMEG2020AEA Datasheet
59Kb / 7P
20 V, 2 A very low VF MEGA Schottky barrier rectifier in SOD323 (SC-76) package
2004 Feb 26
logo
Zetex Semiconductors
ZLLS410 ZETEX-ZLLS410 Datasheet
395Kb / 8P
10V Low leakage Schottky diode in SOD323
logo
Diodes Incorporated
ZLLS410 DIODES-ZLLS410_12 Datasheet
571Kb / 6P
10V Low leakage Schottky diode in SOD323
Rev erse
logo
NXP Semiconductors
BZX84J-B7V5,115 NXP-BZX84J-B7V5,115 Datasheet
166Kb / 13P
General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
PESD24VS1UA115 NXP-PESD24VS1UA115 Datasheet
424Kb / 13P
Unidirectional ElectroStatic Discharge (ESD) protection diode in a SOD323 (SC-76) very small Surface-Mounted Device (SMD) plastic package designed to protect one signal line from the damage caused by ESD and other transients.
Rev. 1-7 March 2011
BZX84JB3V6.115 NXP-BZX84JB3V6.115 Datasheet
166Kb / 13P
General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
PMEG2020AEA PHILIPS-PMEG2020AEA_15 Datasheet
229Kb / 7P
20 V, 2 A very low VF MEGA Schottky barrier rectifier in SOD323 (SC-76) package
2004 Feb 26
logo
Texas Instruments
PT78ST100 TI1-PT78ST100_14 Datasheet
496Kb / 5P
Very Small Footprint
logo
Nexperia B.V. All right...
PMEG2020AEA NEXPERIA-PMEG2020AEA Datasheet
190Kb / 8P
20 V, 2 A very low VF MEGA Schottky barrier rectifier in SOD323 (SC-76) package
23 September 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com