Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDZ18CS Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DDZ18CS
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ18CS Datasheet(HTML) 6 Page - Diodes Incorporated

  DDZ18CS Datasheet HTML 1Page - Diodes Incorporated DDZ18CS Datasheet HTML 2Page - Diodes Incorporated DDZ18CS Datasheet HTML 3Page - Diodes Incorporated DDZ18CS Datasheet HTML 4Page - Diodes Incorporated DDZ18CS Datasheet HTML 5Page - Diodes Incorporated DDZ18CS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS30414 Rev. 4 - 2
6 of 6
DDZ5V1BS - DDZ43S
www.diodes.com
-0.08
0.12
-0.04
-0.06
30
42
50
V , ZENER VOLTAGE (V)
Z
Fig. 18 Typical Temperature Coefficient of
Zener Voltage, DDZ30DS-DDZ43S
38
34
46
-0.02
0
0.02
0.04
0.06
0.08
0.10
I= 2mA
ZT
1
10
100
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 19 Total Capacitance vs Nominal Zener Voltage
Z
T= 25 °C
f=1MHz
j
V= 2V
R
V=1V
R
Device
Packaging
Shipping
(Type Number)-7*
SOD-323
3000/Tape & Reel
Ordering Information
* Example:
The part number for the 6.2 Volt device would be DDZ6V2BS-7.
Note : 6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
7. No purposefully added lead.
XX = Product Type Marking Code (See Table 1)
XX
Marking Information
(Note 6)
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com