Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDZ18CS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDZ18CS
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ18CS Datasheet(HTML) 3 Page - Diodes Incorporated

  DDZ18CS Datasheet HTML 1Page - Diodes Incorporated DDZ18CS Datasheet HTML 2Page - Diodes Incorporated DDZ18CS Datasheet HTML 3Page - Diodes Incorporated DDZ18CS Datasheet HTML 4Page - Diodes Incorporated DDZ18CS Datasheet HTML 5Page - Diodes Incorporated DDZ18CS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS30414 Rev. 4 - 2
3 of 6
DDZ5V1BS - DDZ43S
www.diodes.com
0
0.2
0.4
0.6
0.8
1.2
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
100
10
1.0
0.1
0.01
1000
8.0
11.0
13.0
15.0
V , ZENER BREAKDOWN VOLTAGE (V)
Fig.5 Typical Reverse Characteristics, DDZ10CS - DDZ14S
Z
10.0
12.0
14.0
1m
100n
10m
100m
DDZ10CS
DDZ13BS
DDZ14S
DDZ11CS
DDZ12CS
0
40
80
120
160
200
25
050
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs Ambient Temperature
A
°
240
1m
100n
10m
100m
4.0
6.0
8.0
10.0
V , ZENER BREAKDOWN VOLTAGE (V)
Fig. 4 Typical Reverse Characteristics, DDZ5V6BS - DDZ9V1CS
Z
5.0
7.0
9.0
DDZ5V6BS
DDZ6V2BS
DDZ6V8CS
DDZ7V5CS
DDZ8V2CS
DDZ9V1CS
10n
100n
1m
05
V , ZENER BREAKDOWN VOLTAGE (V)
Fig.3 Typical Reverse Characteristics
Z
10m
100m
10
15
20
25
30
35
40
45



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com