Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDZ20CS Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DDZ20CS
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ20CS Datasheet(HTML) 5 Page - Diodes Incorporated

  DDZ20CS Datasheet HTML 1Page - Diodes Incorporated DDZ20CS Datasheet HTML 2Page - Diodes Incorporated DDZ20CS Datasheet HTML 3Page - Diodes Incorporated DDZ20CS Datasheet HTML 4Page - Diodes Incorporated DDZ20CS Datasheet HTML 5Page - Diodes Incorporated DDZ20CS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS30414 Rev. 4 - 2
5 of 6
DDZ5V1BS - DDZ43S
www.diodes.com
-0.08
0.12
-0.04
-0.06
20
26
30
V , ZENER VOLTAGE (V)
Z
Fig. 17 Typical Temperature Coefficient of
Zener Voltage, DDZ20CS-DDZ30DS
24
22
28
-0.02
0
0.02
0.04
0.06
0.08
0.10
I= 5mA
ZT
I= 2mA
ZT
-0.08
0.12
-0.04
-0.06
10
16
20
V , ZENER VOLTAGE (V)
Z
Fig. 16 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, DDZ10CS-DDZ20CS
14
12
18
-0.02
0
0.02
0.04
0.06
0.08
0.10
I= 5mA
ZT
-0.08
0.12
-0.04
-0.06
06
10
V , ZENER VOLTAGE (V)
Z
Fig. 15 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, DDZ6V2BS-DDZ10CS
4
2
8
-0.02
0
0.02
0.04
0.06
0.08
0.10
I= 5mA
ZT
0.1
10
100
1
1000
10,000
34
36
38
40
42
44
48
46
V , ZENER VOLTAGE (V)
Fig. 14 Typical Zener Impedance Characteristics,
DDZ36S - DDZ43S
Z
I= 2mA
Z
0.1
10
100
1
1000
10,000
18
19
20
21
22
23
24
V , ZENER VOLTAGE (V)
Fig. 12 Typical Zener Impedance Characteristics,
DDZ18CS - DDZ24CS
Z
I= 5mA
Z
I= 1mA
Z
0.1
10
100
1
1000
10,000
24
26
28
30
32
34
V , ZENER VOLTAGE (V)
Fig. 13 Typical Zener Impedance Characteristics,
DDZ24CS - DDZ33S
Z
I= 2mA
Z



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com