Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDZ20CS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZ20CS
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ20CS Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZ20CS Datasheet HTML 1Page - Diodes Incorporated DDZ20CS Datasheet HTML 2Page - Diodes Incorporated DDZ20CS Datasheet HTML 3Page - Diodes Incorporated DDZ20CS Datasheet HTML 4Page - Diodes Incorporated DDZ20CS Datasheet HTML 5Page - Diodes Incorporated DDZ20CS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS30414 Rev. 4 - 2
2 of 6
DDZ5V1BS - DDZ43S
www.diodes.com
Type Number
Marking Code
Zener Voltage Range
(Notes 2,3)
Maximum Zener Impedance
(Note 4)
Maximum Reverse
Current (Note 5)
VZ @IZT
IZT
ZZT @IZT
ZZK @IZK
IZK
IR
@ VR
Min (V)
Max (V)
mA
W
mA
uA
V
DDZ5V1BS
KM
4.94
5.20
20
17
480
1
5
1.5
DDZ5V6BS
KN
5.45
5.73
20
11
400
1
0.5
2.5
DDZ6V2BS
KO
5.96
6.27
20
7
150
1
0.5
4.0
DDZ6V8CS
YP
6.66
7.01
20
5
150
0.5
0.1
5.0
DDZ7V5CS
YQ
7.29
7.67
20
6
120
0.5
0.1
6.0
DDZ8V2CS
YR
8.03
8.45
20
8
120
0.5
0.1
6.5
DDZ9V1CS
YS
8.83
9.30
20
8
120
0.5
0.1
7.0
DDZ10CS
YT
9.70
10.20
20
8
120
0.5
0.1
8.0
DDZ11CS
YU
10.82
11.38
10
10
120
0.5
0.1
8.4
DDZ12CS
YV
11.74
12.35
10
12
110
0.5
0.1
9.1
DDZ13BS
KW
12.55
13.21
10
14
110
0.5
0.1
10.0
DDZ14S
GX
13.65
14.35
10
16
110
0.5
0.05
11.0
DDZ15S
GY
14.80
15.57
10
18
150
0.5
0.05
12.0
DDZ16S
YY
15.69
16.51
10
18
150
0.5
0.05
12.0
DDZ18CS
YZ
17.42
18.33
10
23
150
0.5
0.05
14.0
DDZ20CS
PJ
19.23
20.22
10
28
200
0.5
0.05
15.0
DDZ22DS
2K
21.52
22.63
5
30
200
0.5
0.05
17.0
DDZ24CS
PL
23.12
24.31
5
35
200
0.5
0.05
19.0
DDZ27DS
2M
26.29
27.64
5
45
250
0.5
0.05
21.0
DDZ30DS
2N
29.02
30.51
5
55
250
0.5
0.05
23.0
DDZ33S
RP
32.14
33.79
5
75
250
0.5
0.05
27.0
DDZ36S
ZQ
35.36
37.19
5
85
250
0.5
0.05
30.0
DDZ39FS
5Q
38.02
39.98
5
85
250
0.5
0.05
30.0
DDZ43S
ZR
42.14
43.86
5
90
¾¾
0.05
33.0
Electrical Characteristics
Table 1
@ TA = 25
°C unless otherwise specified
Notes:
2. The Zener voltage is measured 40ms after power is supplied.
3. For inquiries on tighter tolerances, or alternate nominal zener voltages, please contact your Diodes Inc.
sales representative for availability and minimum order details.
4. f = 1kHz.
5. Short duration test pulse used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com