Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A160CB10VC Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # A160CB10VC
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

A160CB10VC Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button A160CB10VC Datasheet HTML 12Page - Advanced Micro Devices A160CB10VC Datasheet HTML 13Page - Advanced Micro Devices A160CB10VC Datasheet HTML 14Page - Advanced Micro Devices A160CB10VC Datasheet HTML 15Page - Advanced Micro Devices A160CB10VC Datasheet HTML 16Page - Advanced Micro Devices A160CB10VC Datasheet HTML 17Page - Advanced Micro Devices A160CB10VC Datasheet HTML 18Page - Advanced Micro Devices A160CB10VC Datasheet HTML 19Page - Advanced Micro Devices A160CB10VC Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
14
Am29SL160C
21635C5 January 23, 2007
D A TA
SH EE T
Autoselect Mode
The autoselect mode provides manufacturer and
device identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires V
ID on address pin A9. Address pins A6,
A1, and A0 must be as shown in Table 4. In addition,
when verifying sector protection, the sector address
must appear on the appropriate highest order address
bits (see Tables 2 and 3). Table 4 shows the remaining
address bits that are don’t care. When all necessary
bits are set as required, the programming equipment
may then read the corresponding identifier code on
DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 12, on page 26.
This method does not require V
ID. See “Command Def-
initions” on page 21 for details on using the autoselect
mode.
Table 4.
Am29SL160C Autoselect Codes (High Voltage Method)
L = Logic Low = V
IL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Note: Outputs for data bits DQ8–DQ15 are for BYTE#=V
IH. DQ8–DQ15 are don’t care when BYTE#=VIL.
Description
Mode
CE#
OE#
WE#
A19
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
V
ID
XLXL
L
X
01h
Device ID:
Am29SL160CT
(Top Boot Block)
Word
L
L
H
XX
V
ID
XLXL
H
22h
E4
Byte
L
L
H
X
E4
Device ID:
Am29SL160CB
(Bottom Boot Block)
Word
L
L
H
XX
V
ID
XLXL
H
22h
E7
Byte
L
L
H
X
E7
Sector Protection Verification
L
L
H
SA
X
VID
XLX
H
L
X
01h
(protected)
X
00h
(unprotected)
SecSi Sector Indicator bit
(DQ7)
LL
H
SA
X
VID
XLX
H
H
X
81h
(factory
locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com