Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A160CB10VC Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # A160CB10VC
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

A160CB10VC Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button A160CB10VC Datasheet HTML 44Page - Advanced Micro Devices A160CB10VC Datasheet HTML 45Page - Advanced Micro Devices A160CB10VC Datasheet HTML 46Page - Advanced Micro Devices A160CB10VC Datasheet HTML 47Page - Advanced Micro Devices A160CB10VC Datasheet HTML 48Page - Advanced Micro Devices A160CB10VC Datasheet HTML 49Page - Advanced Micro Devices A160CB10VC Datasheet HTML 50Page - Advanced Micro Devices A160CB10VC Datasheet HTML 51Page - Advanced Micro Devices A160CB10VC Datasheet HTML 52Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
January 23, 2007 21635C5
Am29SL160C
49
D A TA
SH EE T
REVISION SUMMARY
Revision A (December 1998)
Initial release.
Revision A+1 (January 1999)
Distinctive Characteristics
WP#/ACC pin: In the third subbullet, deleted reference
to increased erase performance.
Device Bus Operations
Accelerated Program and Erase Operations: Deleted
all references to accelerated erase.
Sector/Sector Block Protection and Unprotection:
Changed section name and text to include tables and
references to sector block protection and unprotection.
AC Characteristics
Accelerated Program Timing Diagram: Deleted refer-
ence in title to accelerated erase.
Revision A+2 (March 23, 1999)
Connection Diagrams
Corrected the TSOP pinout on pins 13 and 14.
Revision A+3 (April 12, 1999)
Global
Modified the description of accelerated programming to
emphasize that it is intended only to speed in-system
programming of the device during the system produc-
tion process.
Distinctive Characteristics
Secured Silicon (SecSi) Sector bullet: Added the 8-byte
unique serial number to description.
Device Bus Operations table
Modified Note 3 to indicate sector protection behavior
when V
IH is asserted on WP#/ACC. Applied Note 3 to
the WP#/ACC column for write operations.
Ordering Information
Added the “N” designator to the optional processing
section.
Secured Silicon (SecSi) Sector Flash Memory
Region
Modified explanatory text to indicate that devices now
have an 8-byte unique ESN in addition to the 16-byte
rando m ESN. Added ta bl e fo r addr ess ra n g e
clarification.
Revision A+4 (May 14, 1999)
Global
Deleted all references to the unique ESN.
Revision A+5 (July 23, 1999)
Global
Added 90 ns speed option.
Revision A+6 (September 1, 1999)
AC Characteristics
Hardware Reset (RESET#) table: Deleted t
RPD specifi-
cation. Erase/Program Operations table: Deleted t
OES
specification.
Revision A+7 (September 7, 1999)
Distinctive Characteristics
Ultra low power consumption bullet: Corrected values
to match those in the DC Characteristics table.
AC Characteristics
Alternate CE# Controlled Erase/Program Operations:
Deleted t
OES specification.
Revision B (December 14, 1999)
AC Characteristics—Figure 17. Program
Operations Timing and Figure 18. Chip/Sector
Erase Operations
Deleted t
GHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision C (February 21, 2000)
Removed “Advance Information” designation from data
sheet. Data sheet parameters are now stable; only
speed, package, and temperature range combinations
are expected to change in future revisions.
Device Bus Operations table
Changed standby voltage specification to V
CC ± 0.2 V.
Standby Mode
Changed standby voltage specification to V
CC ± 0.2 V.
DC Characteristics table
Changed test conditions for I
CC3, ICC4, ICC5 to VCC ± 0.2
V.
Revision C+1 (November 14, 2000)
Global
Added dash to speed options and OPNs. Added table
of contents.
AC Characteristics—Read Operations
Changed t
DF to 16 ns for all speeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com