Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDS322DB40WMIN Datasheet(PDF) 50 Page - Advanced Micro Devices

Part # AM29PDS322DB40WMIN
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDS322DB40WMIN Datasheet(HTML) 50 Page - Advanced Micro Devices

Back Button AM29PDS322DB40WMIN Datasheet HTML 43Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 44Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 45Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 46Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 47Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 48Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 49Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 50Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 51Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
48
Am29PDS322D
23569A5 December 4, 2006
D A TA
SH EE T
PHYSICAL DIMENSIONS
FBD048—48-Ball Fine-Pitch Ball Grid Array (FBGA) 6 x 12 mm package
* For reference only. BSC is an ANSI standard for Basic Space Centering.
Dwg rev AF; 1/2000
xFBD 048
6.00 mm x 12.00 mm
PACKAGE
1.20
0.20
0.84
0.94
12.00 BSC
6.00 BSC
5.60 BSC
4.00 BSC
8
6
48
0.25
0.30
0.35
0.80 BSC
0.40 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com