Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDS322DB40WMIN Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29PDS322DB40WMIN
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDS322DB40WMIN Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29PDS322DB40WMIN Datasheet HTML 4Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 5Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 6Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 7Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 8Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 9Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 10Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 11Page - Advanced Micro Devices AM29PDS322DB40WMIN Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
6
Am29PDS322D
23569A5 December 4, 2006
D A TA
SH EE T
PIN DESCRIPTION
A0–A20
= 21 Addresses inputs
DQ0–DQ15 = 16 Data inputs/outputs
CE#
= Chip Enable input
OE#
= Output Enable input
WE#
= Write Enable input
WP#/ACC
= Hardware Write Protect/
Acceleration Input
RESET#
= Hardware Reset Pin input
RY/BY#
= Ready/Busy output
V
CC
= 1.8 volt-only single power supply
(see Product Selector Guide for
speed options and voltage
supply tolerances)
V
SS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
21
16
DQ0–DQ15
A0–A20
CE#
OE#
WE#
RY/BY#
RESET#
WP#/ACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com