Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L652DU12RI Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # L652DU12RI
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L652DU12RI Datasheet(HTML) 5 Page - Advanced Micro Devices

  L652DU12RI Datasheet HTML 1Page - Advanced Micro Devices L652DU12RI Datasheet HTML 2Page - Advanced Micro Devices L652DU12RI Datasheet HTML 3Page - Advanced Micro Devices L652DU12RI Datasheet HTML 4Page - Advanced Micro Devices L652DU12RI Datasheet HTML 5Page - Advanced Micro Devices L652DU12RI Datasheet HTML 6Page - Advanced Micro Devices L652DU12RI Datasheet HTML 7Page - Advanced Micro Devices L652DU12RI Datasheet HTML 8Page - Advanced Micro Devices L652DU12RI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
May 5, 2006 24961A5
Am29LV652D
3
D A TA
SH EE T
TABLE OF CONTENTS
General Description . . . . . . . . . . . . . . . . . . . . . . . . 2
Table of Contents . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Connection Diagram . . . . . . . . . . . . . . . . . . . . . . . . 6
Pin Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 8
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . . 9
Table 1. Am29LV652D Device Bus Operations ................................9
VersatileIO
™ (V
IO) Control ....................................................... 9
Requirements for Reading Array Data ..................................... 9
Writing Commands/Command Sequences ............................ 10
Accelerated Program Operation .......................................... 10
Autoselect Functions ........................................................... 10
Standby Mode ........................................................................ 10
Automatic Sleep Mode ........................................................... 10
RESET#: Hardware Reset Pin ............................................... 10
Output Disable Mode .............................................................. 11
Table 2. Sector Address Table for CE# ..........................................11
Table 3. Sector Address Table for CE2# ........................................15
Autoselect Mode ..................................................................... 19
Table 4. Am29LV652D Autoselect Codes, (High Voltage Method) 19
Sector Group Protection and Unprotection ............................. 20
Table 5. Sector Group Protection/Unprotection Address Table .....20
Temporary Sector Group Unprotect ....................................... 21
Figure 1. Temporary Sector Group Unprotect Operation................ 21
Figure 2. In-System Sector Group Protect/Unprotect Algorithms ... 22
Hardware Data Protection ...................................................... 23
Low VCC Write Inhibit ......................................................... 23
Write Pulse “Glitch” Protection ............................................ 23
Logical Inhibit ...................................................................... 23
Power-Up Write Inhibit ......................................................... 23
Common Flash Memory Interface (CFI) . . . . . . . 23
Table 6. CFI Query Identification String .......................................... 23
System Interface String................................................................... 24
Table 8. Device Geometry Definition .............................................. 24
Table 9. Primary Vendor-Specific Extended Query ........................ 25
Command Definitions . . . . . . . . . . . . . . . . . . . . . 25
Reading Array Data ................................................................ 25
Reset Command ..................................................................... 26
Autoselect Command Sequence ............................................ 26
Byte Program Command Sequence ....................................... 26
Unlock Bypass Command Sequence .................................. 26
Figure 3. Program Operation .......................................................... 27
Chip Erase Command Sequence ........................................... 27
Sector Erase Command Sequence ........................................ 28
Erase Suspend/Erase Resume Commands ........................... 28
Figure 4. Erase Operation............................................................... 29
Table 10. Am29LV652D Command Definitions ..............................30
Write Operation Status . . . . . . . . . . . . . . . . . . . . . 31
DQ7: Data# Polling ................................................................. 31
Figure 5. Data# Polling Algorithm .................................................. 31
RY/BY#: Ready/Busy# ............................................................ 32
DQ6: Toggle Bit I .................................................................... 32
Figure 6. Toggle Bit Algorithm........................................................ 32
DQ2: Toggle Bit II ................................................................... 33
Reading Toggle Bits DQ6/DQ2 ............................................... 33
DQ5: Exceeded Timing Limits ................................................ 33
DQ3: Sector Erase Timer ....................................................... 33
Table 11. Write Operation Status ................................................... 34
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 35
Figure 7. Maximum Negative Overshoot Waveform ..................... 35
Figure 8. Maximum Positive Overshoot Waveform....................... 35
DC Characteristics
(for two Am29LV065 devices) . . . . . . . . . . . . . . . 36
Figure 9. ICC1 Current vs. Time (Showing Active and
Automatic Sleep Currents) ............................................................. 37
Figure 10. Typical I
CC1 vs. Frequency ............................................ 37
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 11. Test Setup.................................................................... 38
Table 12. Test Specifications ......................................................... 38
Figure 12. Input Waveforms and Measurement Levels ................. 38
Key to Switching Waveforms. . . . . . . . . . . . . . . . 38
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 39
Read-Only Operations ........................................................... 39
Figure 13. Read Operation Timings ............................................... 39
Hardware Reset (RESET#) .................................................... 40
Figure 14. Reset Timings ............................................................... 40
Erase and Program Operations .............................................. 41
Figure 15. Program Operation Timings.......................................... 42
Figure 16. Accelerated Program Timing Diagram.......................... 42
Figure 17. Chip/Sector Erase Operation Timings .......................... 43
Figure 18. Data# Polling Timings (During Embedded Algorithms). 44
Figure 19. Toggle Bit Timings (During Embedded Algorithms)...... 45
Figure 20. DQ2 vs. DQ6................................................................. 45
Temporary Sector Unprotect .................................................. 46
Figure 21. Temporary Sector Group Unprotect Timing Diagram ... 46
Figure 22. Sector Group Protect and Unprotect Timing Diagram .. 47
Figure 23. Alternate CE# Controlled Write
(Erase/Program) Operation Timings .............................................. 49
Erase And Programming Performance . . . . . . . 50
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 50
Input/Output Capacitance . . . . . . . . . . . . . . . . . . 50
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 51
FSA063—63-Ball Fine-Pitch Ball Grid Array (FBGA) 11 x 12 mm
package .................................................................................. 51
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com