Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L652DU12RI Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # L652DU12RI
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L652DU12RI Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button L652DU12RI Datasheet HTML 9Page - Advanced Micro Devices L652DU12RI Datasheet HTML 10Page - Advanced Micro Devices L652DU12RI Datasheet HTML 11Page - Advanced Micro Devices L652DU12RI Datasheet HTML 12Page - Advanced Micro Devices L652DU12RI Datasheet HTML 13Page - Advanced Micro Devices L652DU12RI Datasheet HTML 14Page - Advanced Micro Devices L652DU12RI Datasheet HTML 15Page - Advanced Micro Devices L652DU12RI Datasheet HTML 16Page - Advanced Micro Devices L652DU12RI Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
May 5, 2006 24961A5
Am29LV652D
11
D A TA
SH EE T
enabling the system to read the boot-up firmware from
the Flash memory.
If RESET# is asserted during a program or erase op-
eration, RY/BY# remains a “0” (busy) until the internal
reset operation is complete, which requires a time of
t
READY (during Embedded Algorithms). The system can
thus monitor RY/BY# to determine whether the reset
operation is complete. If RESET# is asserted when a
program or erase operation is not executing (RY/BY#
is “1”), the reset operation is completed within a time
of t
READY (not during Embedded Algorithms). The sys-
tem can read data t
RH after RESET# returns to VIH.
Refer to the “AC Characteristics” on page 39 tables for
RESET# parameters and to Figure 14, on page 40 for
the timing diagram.
Output Disable Mode
When the OE# input is at V
IH, output from the device is
disabl ed. The o u t p ut s a r e pla c e d in t h e high
impedance state.
Table 2.
Sector Address Table for CE# (Sheet 1 of 4)
Sector
A22
A21
A20
A19
A18
A17
A16
8-bit Address Range
(in hexadecimal)
SA0
0
0
00000
000000–00FFFF
SA1
0
0
00001
010000–01FFFF
SA2
0
0
00010
020000–02FFFF
SA3
0
0
00011
030000–03FFFF
SA4
0
0
00100
040000–04FFFF
SA5
0
0
00101
050000–05FFFF
SA6
0
0
00110
060000–06FFFF
SA7
0
0
00111
070000–07FFFF
SA8
0
0
01000
080000–08FFFF
SA9
0
0
01001
090000–09FFFF
SA10
0
0
01010
0A0000–0AFFFF
SA11
0
0
01011
0B0000–0BFFFF
SA12
0
0
01100
0C0000–0CFFFF
SA13
0
0
01101
0D0000–0DFFFF
SA14
0
0
01110
0E0000–0EFFFF
SA15
0
0
01111
0F0000–0FFFFF
SA16
0
0
10000
100000–10FFFF
SA17
0
0
10001
110000–11FFFF
SA18
0
0
10010
120000–12FFFF
SA19
0
0
10011
130000–13FFFF
SA20
0
0
10100
140000–14FFFF
SA21
0
0
10101
150000–15FFFF
SA22
0
0
10110
160000–16FFFF
SA23
0
0
10111
170000–17FFFF
SA24
0
0
11000
180000–18FFFF
SA25
0
0
11001
190000–19FFFF
SA26
0
0
11010
1A0000–1AFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com