Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL400BB-80SC Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29DL400BB-80SC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400BB-80SC Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29DL400BB-80SC Datasheet HTML 1Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 2Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 3Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 4Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 5Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 6Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 7Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 8Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data Sheet may
be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21606
Rev: E Amendment/+4
Issue Date: June 7, 2005
Am29DL400B
4 Megabit (512 K x 8-Bit/256 K x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
DISTINCTIVE CHARACTERISTICS
■
Simultaneous Read/Write operations
— Host system can program or erase in one bank,
then immediately and simultaneously read
from the other bank
— Zero latency between read and write
operations
— Read-while-erase
— Read-while-program
■
Single power supply operation
— 2.7 to 3.6 volt read and write operations for
battery-powered applications
■
Manufactured on 0.32 µm process
technology
■
High performance
— Access times as fast as 70 ns
■
Low current consumption (typical
values at 5 MHz)
— 7 mA active read current
— 21 mA active read-while-program or read-
while-erase current
— 17 mA active program-while-erase-suspended
current
— 200 nA in standby mode
— 200 nA in automatic sleep mode
—Standard tCE chip enable access time applies to
transition from automatic sleep mode to active
mode
■
Flexible sector architecture
— Two 16 Kword, two 8 Kword, four 4 Kword, and
six 32 Kword sectors in word mode
— Two 32 Kbyte, two 16 Kbyte, four 8 Kbyte, and
six 64 Kbyte sectors in byte mode
— Any combination of sectors can be erased
— Supports full chip erase
■
Unlock Bypass Program Command
— Reduces overall programming time when
issuing multiple program command sequences
■
Sector protection
— Hardware method of locking a sector to
prevent any program or erase operation within
that sector
— Sectors can be locked in-system or via
programming equipment
— Temporary Sector Unprotect feature allows
code changes in previously locked sectors
■
Top or bottom boot block configurations
available
■
Embedded Algorithms
— Embedded Erase algorithm automatically
pre-programs and erases sectors or entire chip
— Embedded Program algorithm automatically
programs and verifies data at specified address
■ Minimum 1 million program/erase cycles
guaranteed per sector
■
20-year data retention at 125° C
— Reliable operation for the life of the system
■
Package options
— 44-pin SO
— 48-pin TSOP
■
Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
— Superior inadvertent write protection
■
Data# Polling and Toggle Bits
— Provides a software method of detecting
program or erase cycle completion
■
Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or
erase cycle completion
■
Erase Suspend/Erase Resume
— Suspends or resumes erasing sectors to allow
reading and programming in other sectors
— No need to suspend if sector is in the other
bank
■
Hardware reset pin (RESET#)
— Hardware method of resetting the device to
reading array data
This product has been retired and is not recommended for designs. For new and current designs, S29AL004D supersedes Am29DL400B and is the factory-recommended migration path.
Please refer to the S29AL004D datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com