Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL400BB-80SC Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29DL400BB-80SC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400BB-80SC Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29DL400BB-80SC Datasheet HTML 9Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 10Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 11Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 12Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 13Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 14Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 15Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 16Page - Advanced Micro Devices AM29DL400BB-80SC Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Am29DL400B
11
Table 3. Am29DL400BB Bottom Boot Sector Architecture
Note: The address range is A17:A-1 if in byte mode (BYTE# = VIL). The address range is A17:A0 if in word mode (BYTE# =
VIH).
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
me nt to automatically match a device to be
programmed with its corresponding programming al-
gorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown
in Table 4. In addition, when verifying sector protec-
tion, the sector address must appear on the
appropriate highest order address bits (see Tables 2
and 3). Table 4 shows the remaining address bits
that are don’t care. When all necessary bits have
been set as required, the programming equipment
may then read the corresponding identifier code on
DQ7-DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 5. This method
does not require VID. Refer to the Autoselect Com-
mand Sequence section for more information.
Bank
Sector
Sector Address
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
Bank
Address
A15 A14 A13 A12
A17 A16
Bank 2
SA13
1
1
1
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh
SA12
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA11
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA10
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA9
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA8
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
Bank 1
SA7
00111
X
16/8
1C000h–1FFFFh
0E000h–0FFFFh
SA6
0
0
1
10
X
32/16
14000h–1BFFFh
0A000h–0DFFFh
01
X
SA5
001001
8/4
12000h–13FFFh
09000h–09FFFh
SA4
001000
8/4
10000h–11FFFh
08000h–08FFFh
SA3
000111
8/4
0E000h–0FFFFh
07000h–07FFFh
SA2
000110
8/4
0C000h–0DFFFh
06000h–06FFFh
SA1
0
0
0
10
X
32/16
04000h–0BFFFh
02000h–05FFFh
01
X
SA0
00000
X
16/8
00000h–03FFFh
00000h–01FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com