Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM219D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LM219D
Description  Dual voltage comparator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM219D Datasheet(HTML) 2 Page - NXP Semiconductors

  LM219D Datasheet HTML 1Page - NXP Semiconductors LM219D Datasheet HTML 2Page - NXP Semiconductors LM219D Datasheet HTML 3Page - NXP Semiconductors LM219D Datasheet HTML 4Page - NXP Semiconductors LM219D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
LM219/319
Dual voltage comparator
August 31, 1994
278
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Small Outline (SO) Package
-25 to +85
°C
LM219D
0175D
14-Pin Plastic Small Outline (SO) Package
0 to +70
°C
LM319D
0175D
14-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LM319N
0405B
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VS
Total supply voltage
36
V
Output to negative supply voltage
36
V
Ground to negative supply voltage
25
V
Ground to positive supply voltage
18
V
Differential input voltage
±5
V
VIN
Input voltage1
±15
V
Maximum power dissipation, TA=25°C (still-air)2
N package
1420
mW
D package
1040
mW
Output short-circuit duration
10
s
TA
Operating temperature range
LM219
LM319
-25 to +85
0 to +70
°C
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead soldering temperature (10sec max)
300
°C
NOTES:
1. For supply voltages less than
±15V, the absolute maximum rating is equal to the supply voltage.
2. Derate above 25
°C, at the following rates:
N package at 11.4mW/
°C
D package at 8.3mW/
°C
DC ELECTRICAL CHARACTERISTICS
VS=±15V, -25°C ≤ TA ≤ 85°C for LM219, 0°C ≤ TA ≤ 70°C for LM319, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LM219
LM319
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
Input offset voltage1, 2
RS≤5kΩ, TA=25°C
0.7
4.0
2.0
8.0
mV
VOS
Input offset voltage1, 2
Over temp.
7
10
mV
IOS
Input offset current1, 2
TA=25°C
30
75
80
200
nA
IOS
Input offset current1, 2
Over temp.
100
300
nA
IB
Input bias current1
TA=25°C
150
500
250
1000
nA
Over temp.
1000
1200
nA
AV
Voltage gain
TA=25°C
8
40
8
40
V/mV
VOL
Saturation voltage
VIN≤-10mV, IOUT=25mA, TA=25°C,
V+
≥4.5V, V-=0
0.75
1.5
0.75
1.5
V
VOL
Saturation voltage
VIN≤-10mV, IOUT=3.2mA
0.3
0.6
0.3
0.4
V
IOH
Output leakage current
V-=0V, VIN≥10mV
VOUT=35V, TA=25°C
0.2
10
0.2
10
µA
VIN
Input voltage range
VS=±15V
±13
±13
V
VIN
Input voltage range
V+=5V, V-=0V
1
3
1
3
V
VID
Differential input voltage
±5
±5
V
I+
Positive supply current
V+=5V, V-=0V, TA=25°C
4.3
4.3
mA
I+
Positive supply current
VS=±15V, TA=25°C
8.0
12.5
8.0
12.5
mA
I-
Negative supply current
VS=±15V, TA=25°C
3.0
5.0
3.0
5.0
mA
NOTES:
1. VOS, IOS and IB specifications apply for a supply voltage range of VS=±15V down to a single 5V supply.
2. The offset voltages and offset currents given are the maximum values required to drive the output to within 1V of either supply with a 1mA
load. Thus these parameters define an error band and take into account the worst case effects of voltage gain and input impedance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com