Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM219D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LM219D
Description  Dual voltage comparator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM219D Datasheet(HTML) 4 Page - NXP Semiconductors

  LM219D Datasheet HTML 1Page - NXP Semiconductors LM219D Datasheet HTML 2Page - NXP Semiconductors LM219D Datasheet HTML 3Page - NXP Semiconductors LM219D Datasheet HTML 4Page - NXP Semiconductors LM219D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
LM219/319
Dual voltage comparator
August 31, 1994
280
TYPICAL PERFORMANCE CHARACTERISTICS
Transfer Function
Response Time for Various
Input Overdrives
Response Time for Various
Input Overdrives
Input Characteristics
Response Time for Various
Input Overdrives
Response Time for Various
Input Overdrives
Output Saturation Voltage
Supply Current
Output Limitiung
Characteristics
40
35
30
25
20
15
10
5
0
-1.0
-0.6
-0.2
0.2
0.6
1.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
DIFFERENTIAL INPUT VOLTAGE – V
VS = +15V
RL = 1.4KΩ
TA = 25
oC
V+ + = 36V
V+ + = 5.0V
6.0
5.0
4.0
3.0
2.0
1.0
0
0
-50
-100
TIME – ns
0
50
100 150 200 250 300 350
TIME – ns
0
50
100 150 200 250 300 350
6.0
5.0
4.0
3.0
2.0
1.0
0
100
50
0
VS = 5.0V
RL = 500KΩ
V+ + = 5.0V
TA = 25
oC
20mV
5.0mV
2.0mV
VS = +15V
RL = 500KΩ
V+ + = 5.0V
TA = 25
oC
2.0mV
5.0mV
20mV
VS = +15V
TA = 25
oC
400
300
200
100
0
-100
-10
-6.0
-2.0
2.0
6.0
10
DIFFERENTIAL INPUT VOLTAGE – V
VS = +15V
RL = 500KΩ
V+ + = 5.0V
TA = 25
oC
5.0mV
2.0mV
20mV
0
50
100 150 200 250 300 350
6.0
5.0
4.0
3.0
2.0
1.0
0
0
-50
-100
TIME – ns
0
50 100 150 200 250 300 350
TIME – ns
6.0
5.0
4.0
3.0
2.0
1.0
0
100
50
0
VS = 5.0V
RL = 500KΩ
V+ + = 5.0V
TA = 25
oC
20mV
5.0mV
2.0mV
TA = 25
oC
VS =
+15V
INPUT OVERDRIVE = 5.0mV
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1.0
OUTPUT VOLTAGE – V
TA = 25
oC
POSITIVE SUPPLY
NEGATIVE SUPPLY
0
5
10
15
20
12
10
8
6
4
2
0
SUPPLY VOLTAGE – V
OUTPUT VOLTAGE – V
0
5
10
15
120
100
80
60
40
20
0
1.2
1.0
0.8
0.6
0.4
0.2
0
TA = 25
oC
SHORT CIRCUIT CURRENT
POWER DISSIPATION
MAXIMUM DIFFERENTIAL
INPUT VOLTAGE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com