Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41000002U Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # M41000002U
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002U Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button M41000002U Datasheet HTML 30Page - Advanced Micro Devices M41000002U Datasheet HTML 31Page - Advanced Micro Devices M41000002U Datasheet HTML 32Page - Advanced Micro Devices M41000002U Datasheet HTML 33Page - Advanced Micro Devices M41000002U Datasheet HTML 34Page - Advanced Micro Devices M41000002U Datasheet HTML 35Page - Advanced Micro Devices M41000002U Datasheet HTML 36Page - Advanced Micro Devices M41000002U Datasheet HTML 37Page - Advanced Micro Devices M41000002U Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
September 5, 2002
Am41DL32x8G
33
PR ELI M I NARY
Table 18.
Command Definitions (Flash Byte Mode)
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses
latch on the falling edge of the WE# or CE#f pulse, whichever happens
later.
PD = Data to be programmed at location PA. Data latches on the rising
edge of WE# or CE#f pulse, whichever happens first.
SADD = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A20–A12 uniquely select any sector.
BA = Address of the bank that is being switched to autoselect mode, is
in bypass mode, or is being erased.
Notes:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Except for the read cycle and the fourth cycle of the autoselect
command sequence, all bus cycles are write cycles.
4.
Data bits DQ15–DQ8 are don’t care in command sequences,
except for RD and PD.
5.
Unless otherwise noted, address bits A20–A12 are don’t cares.
6.
No unlock or command cycles required when bank is in read
mode.
7.
The Reset command is required to return to reading array data
(or to the erase-suspend-read mode if previously in Erase
Suspend) when a bank is in the autoselect mode, or if DQ5 goes
high (while the bank is providing status information).
8.
The fourth cycle of the autoselect command sequence is a read
cycle. The system must provide the bank address to obtain the
manufacturer ID, device ID, or SecSi Sector factory protect
information. Data bits DQ15–DQ8 are don’t care. See the
Autoselect Command Sequence section for more information.
9.
The data is 80h for factory locked and 00h for not factory locked.
10. The data is 00h for an unprotected sector/sector block and 01h
for a protected sector/sector block.
11. The Unlock Bypass command is required prior to the Unlock
Bypass Program command.
12. The Unlock Bypass Reset command is required to return to
reading array data when the bank is in the unlock bypass mode.
13. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend mode.
The Erase Suspend command is valid only during a sector erase
operation, and requires the bank address.
14. The Erase Resume command is valid only during the Erase
Suspend mode, and requires the bank address.
15. Command is valid when device is ready to read array data or when
device is in autoselect mode.
Table 19.
Autoselect Device IDs (Byte Mode)
T = Top Boot Sector, B = Bottom Boot Sector
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 6)
1
RA
RD
Reset (Note 7)
1
XXX
F0
Manufacturer ID
4
AAA
AA
555
55
(BA)
AAA
90
(BA) 00
01
Device ID
6
AAA
AA
555
55
(BA)
AAA
90
(BA) 02
see
Table 19
SecSi
 Sector Factory Protect
(Note 9)
4
AAA
AA
555
55
(BA)
AAA
90
(BA)
X06
82/02
Sector Protect Verify
(Note 10)
4
AAA
AA
555
55
(BA)
AAA
90
(SADD)
X04
00
01
Enter SecSi Sector Region
3
AAA
AA
555
55
AAA
88
Exit SecSi Sector Region
4
AAA
AA
555
55
AAA
90
XXX
00
Program
4
AAA
AA
555
55
AAA
A0
PA
PD
Unlock Bypass
3
AAA
AA
555
55
AAA
20
Unlock Bypass Program (Note 11)
2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 12)
2
XXX
90
XXX
00
Chip Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Sector Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SADD
30
Erase Suspend (Note 13)
1
BA
B0
Erase Resume (Note 14)
1
BA
30
CFI Query (Note 15)
1
55
98
Device
Autoselect Device ID
Am29DL322G
55h (T), 56h (B)
Am29DL323G
50h (T), 53h (B)
Am29DL324G
5Ch (T), 5Fh (B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com