Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41000002U Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # M41000002U
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002U Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button M41000002U Datasheet HTML 58Page - Advanced Micro Devices M41000002U Datasheet HTML 59Page - Advanced Micro Devices M41000002U Datasheet HTML 60Page - Advanced Micro Devices M41000002U Datasheet HTML 61Page - Advanced Micro Devices M41000002U Datasheet HTML 62Page - Advanced Micro Devices M41000002U Datasheet HTML 63Page - Advanced Micro Devices M41000002U Datasheet HTML 64Page - Advanced Micro Devices M41000002U Datasheet HTML 65Page - Advanced Micro Devices M41000002U Datasheet HTML 66Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
62
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
SRAM DATA RETENTION
Notes:
1. CE1#s
≥ V
CC – 0.2 V, CE2s ≥ VCC – 0.2 V (CE1#s controlled) or CE2s ≤ 0.2 V (CE2s controlled), CIOs = VSS or VCC.
2. Typical values are not 100% tested.
Figure 33.
CE1#s Controlled Data Retention Mode
Figure 34.
CE2s Controlled Data Retention Mode
Parameter
Symbol
Parameter Description
Test Setup
Min
Typ
Max
Unit
V
DR
V
CC for Data Retention
CS1#s
≥ V
CC – 0.2 V (Note 1)
1.5
3.3
V
I
DR
Data Retention Current
VCC = 3.0 V, CE1#s ≥ VCC – 0.2 V
(Note 1)
1.0
(Note 2)
15
µA
t
SDR
Data Retention Set-Up Time
See data retention waveforms
0ns
t
RDR
Recovery Time
t
RC
ns
VDR
VCC
2.7V
2.2V
CE1#s
GND
Data Retention Mode
CE1#s
≥ VCC - 0.2 V
tSDR
tRDR
VCC
2.7 V
0.4 V
VDR
CE2s
GND
Data Retention Mode
tSDR
tRDR
CE2s < 0.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com