Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41000002W Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # M41000002W
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002W Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button M41000002W Datasheet HTML 41Page - Advanced Micro Devices M41000002W Datasheet HTML 42Page - Advanced Micro Devices M41000002W Datasheet HTML 43Page - Advanced Micro Devices M41000002W Datasheet HTML 44Page - Advanced Micro Devices M41000002W Datasheet HTML 45Page - Advanced Micro Devices M41000002W Datasheet HTML 46Page - Advanced Micro Devices M41000002W Datasheet HTML 47Page - Advanced Micro Devices M41000002W Datasheet HTML 48Page - Advanced Micro Devices M41000002W Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
44
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
AC CHARACTERISTICS
Flash Read-Only Operations
Notes:
1. Not 100% tested.
2. See Figure 11 and Table 21 for test specifications.
Parameter
Description
Test Setup
Speed Options
Unit
JEDEC
Std
70
85
tAVAV
tRC
Read Cycle Time (Note 1)
Min
70
85
ns
t
AVQV
t
ACC
Address to Output Delay
CE#f, OE# = V
IL
Max
70
85
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
70
85
ns
t
GLQV
t
OE
Output Enable to Output Delay
Max
30
40
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
16
ns
t
GHQZ
t
DF
Output Enable to Output High Z (Note 1)
Max
16
ns
t
AXQX
t
OH
Output Hold Time From Addresses, CE#f or
OE#, Whichever Occurs First
Min
0
ns
t
OEH
Output Enable Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tOH
tCE
Outputs
WE#
Addresses
CE#f
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
Figure 14.
Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com