Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41000002W Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # M41000002W
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002W Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button M41000002W Datasheet HTML 55Page - Advanced Micro Devices M41000002W Datasheet HTML 56Page - Advanced Micro Devices M41000002W Datasheet HTML 57Page - Advanced Micro Devices M41000002W Datasheet HTML 58Page - Advanced Micro Devices M41000002W Datasheet HTML 59Page - Advanced Micro Devices M41000002W Datasheet HTML 60Page - Advanced Micro Devices M41000002W Datasheet HTML 61Page - Advanced Micro Devices M41000002W Datasheet HTML 62Page - Advanced Micro Devices M41000002W Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
58
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
AC CHARACTERISTICS
SRAM Write Cycle
Notes:
1. WE# controlled, if CIOs is low, ignore UB#s and LB#s timing.
2. t
CW is measured from CE1#s going low to the end of write.
3. t
WR is measured from the end of write to the address change. tWR applied in case a write ends as CE1#s or WE# going high.
4. t
AS is measured from the address valid to the beginning of write.
5. A write occurs during the overlap (t
WP) of low CE#1 and low WE#. A write begins when CE1#s goes low and WE# goes low when
asserting UB#s or LB#s for a single byte operation or simultaneously asserting UB#s and LB#s for a double byte operation. A
write ends at the earliest transition when CE1#s goes high and WE# goes high. The t
WP is measured from the beginning of write
to the end of write.
Figure 30.
SRAM Write Cycle—WE# Control
Parameter
Symbol
Description
Speed Options
Unit
70
85
tWC
Write Cycle Time
Min
70
85
ns
t
Cw
Chip Enable to End of Write
Min
60
70
ns
tAS
Address Setup Time
Min
0
ns
t
AW
Address Valid to End of Write
Min
60
70
ns
tBW
UB#s, LB#s to End of Write
Min
60
70
ns
t
WP
Write Pulse Time
Min
50
60
ns
tWR
Write Recovery Time
Min
0
ns
t
WHZ
Write to Output High-Z
Min
0
0
ns
Max
20
25
t
DW
Data to Write Time Overlap
Min
30
35
ns
tDH
Data Hold from Write Time
Min
0
ns
t
OW
End Write to Output Low-Z
min
5
ns
Address
CE1#s
Data Undefined
WE#
Data In
Data Out
tWC
tCW
(See Note 1)
tAW
High-Z
High-Z
Data Valid
CE2s
tCW
(See Note 1)
tWP
(See Note 4)
tAS
(See Note 3)
tWR
tDW
tDH
tOW
tWHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com