Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP3V3DTZ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DLP3V3DTZ
Description  DUAL UNIDIRECTIONAL AND SINGLE BIDIRECTIONAL TVS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLP3V3DTZ Datasheet(HTML) 2 Page - Diodes Incorporated

  DLP3V3DTZ Datasheet HTML 1Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 2Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 3Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 4Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 5Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 6Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS30669 Rev. 2 - 2
2 of 7
DLP3V3DTZ
www.diodes.com
Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Rated Reverse Standoff Voltage
VRWM
¾¾
3.3
V
Pin 1 to 3 or Pin 2 to 3
Breakdown Voltage
VBR
4.5
¾¾
V
Pin 1 to 3 or Pin 2 to 3 @ IT = 1mA
Forward Voltage
VF
¾
0.8
¾
V
Pin 3 to 1 or Pin 3 to 2, IF = 10mA
Reverse Leakage Current @VRWM
IR
¾¾
0.095
mA
Pin 1 to 3 or Pin 2 to 3
Clamping Voltage (Note 4)
Unidirectional
Vc
¾¾
6.0
V
Ipp = 1A (Pin 1 to 3 or Pin 2 to 3
Bidirectional
¾¾
7.0
Ipp=1A (Pin 1 to 2 or Pin 2 to 1,
Pin 3 = nc)
Unidirectional
¾¾
9.3
V
Ipp = 40A (Pin 1 to 3 or Pin 2
to 3)
Bidirectional
¾¾
9.666
Ipp=15A (Pin 1 to 2 or Pin 2 to 1,
Pin 3 = nc)
Junction Capacitance
Unidirectional
Cj
¾¾
420
pF
VR = 0V, f =1 MHz
Bidirectional
¾¾
210
Unidirectional
¾¾
230
pF
VR = 3.3V, f=1 MHz
Bidirectional
¾¾
115
Dynamic Resistance @ Ipp (large
signal)
Unidirectional
Rd
¾
0.115
¾W
Ipp= 40A,Vc = 9.3V,VBR = 4.5V
(Pin 1 to 3 or 2 to 3)
Dynamic Impedance (small signal)
Unidirectional
ZZt
¾
380
¾W
IR=1 mA, f= 1 KHz (Pin 1 to 3 or 2
to 3)
¾
47
¾W
IR = 5 mA, f = 1 KHz (Pin 1 to 3 or
2 to 3)
Temperature Coefficient
Unidirectional
qvz
¾
-1.07
¾
mV/°C
IR=5 mA (Pin 1 to 3 or 2 to 3)
Notes:
4. Clamping voltage value is based on a tp = 8/20
mS peak pulse current (Ipp) waveform.
Typical Characteristics@ Tamb = 25°C unless otherwise specified
10
100
1000
10
100
1000
10000
t , PULSE DECAY TIME ( S)
Fig. 2 Unidirectional Non-Repetitive Peak Pulse
Powervs.Pulse Duration orPulse Width
d
m
372 W, 8/20
S waveform
m
0
20
40
60
100
50
0
Peak Value I
pp
Half Value I /2
pp
e -kt
8/20 Waveform
as defined by R.E.A.
T= 25°C
Pulse Width (td) is defined
as the point where the
peak current decays to
50% of I
A
PPM
t
d
@ TA = 25
°C unless otherwise specified



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com