Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP3V3DTZ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DLP3V3DTZ
Description  DUAL UNIDIRECTIONAL AND SINGLE BIDIRECTIONAL TVS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLP3V3DTZ Datasheet(HTML) 3 Page - Diodes Incorporated

  DLP3V3DTZ Datasheet HTML 1Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 2Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 3Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 4Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 5Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 6Page - Diodes Incorporated DLP3V3DTZ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DS30669 Rev. 2 - 2
3 of 7
DLP3V3DTZ
www.diodes.com
V , REVERSE VOLTAGE (V)
R
Fig. 7 Leakage Current vs. Reverse Voltage
0.001
0.01
0.1
1
10
100
1000
10000
0
0.5 1
1.5 2
2.5 3 3.5 4
4.5 5
5.5
IR(uA) Ave @ -55°C
IR(uA) Ave @ 25°C
IR(uA) Ave @ 85°C
IR(uA) Ave @ 150°C
200
220
240
260
280
300
320
380
360
340
400
V , REVERSE VOLTAGE (V)
Fig. 6 Junction Capacitance vs. Reverse Voltage
R
0.5
0
1
1.5
2
2.5
33.5
f=1MHz
0
125
100
75
50
25
150
100
50
75
0
25
Average Power
T
AMBIENT TEMPERATURE
C
Fig. 4 Power Derating Curve
A,(° )
0
2
4
6
8
10
12
I , PEAK PULSE CURRENT (A)
Fig. 5 Clamping Voltage vs. Peak Pulse Current
pp
0
5
10
15
20
25
30
35
40
45
Unidirectional
Bidirectional
V , FORWARD VOLTAGE (V)
F
Fig.8 Typical Forward Characteristic
0.01
0.1
1
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
1.2
AveVF(V) @-55°C
Ave VF(V) @ 85°C
Ave VF(V) @ 150°C
Ave VF(V) @ 25°C
V , REVERSE VOLTAGE (V)
R
Fig.9 Typical Reverse Characteristic
0
10
20
30
40
50
60
3
3.5
4
4.5
5
5.5
6
VZ(V) Ave @ -55°C
VZ(V) Ave @ 25°C
VZ(V) Ave @ 85°C
VZ(V) Ave @ 150°C
Single TVS Diode Characteristics:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com