Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST3906 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMST3906
Description  150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST3906 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMST3906 Datasheet HTML 1Page - Diodes Incorporated MMST3906 Datasheet HTML 2Page - Diodes Incorporated MMST3906 Datasheet HTML 3Page - Diodes Incorporated MMST3906 Datasheet HTML 4Page - Diodes Incorporated MMST3906 Datasheet HTML 5Page - Diodes Incorporated MMST3906 Datasheet HTML 6Page - Diodes Incorporated MMST3906 Datasheet HTML 7Page - Diodes Incorporated MMST3906 Datasheet HTML 8Page - Diodes Incorporated MMST3906 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LBN150B01
150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
General Description
•
LMN150B01 is best suited for applications where the load
needs to be turned on and off using control circuits like
micro-controllers, comparators etc. particularly at a point of
load. It features a discrete PNP pass transistor with stable
Vce_sat which does not depend on the input voltage and
can support maximum continuous current of 150 mA up to
125 °C (see fig. 3). It also contains a discrete NPN that can
be used as a control. The component devices can be used
as a part of a circuit or as stand alone discrete devices.
Features
•
Epitaxial Planar Die Construction
•
Ideally Suited for Automated Assembly Processes
•
Lead Free By Design/ROHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT-26
•
Case Material: Molded Plastic. "Green Molding"
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Copper
leadframe. Solderable per MIL- STD -202, Method 208
•
Marking & Type Code Information: See Page 8
•
Ordering Information: See Page 8
•
Weight: 0.016 grams (approximate)
1
2
3
4
5
6
Fig. 1: SOT-26
BQ1
Q1
PNP_MMST3906
BQ2
5
CQ2
EQ1
EQ2
CQ1
6
1
Q2
NPN_MMST3904
23
4
Fig. 2: Schematic and Pin Configuration
DS30749 Rev. 3 - 2
1 of 9
www.diodes.com
LBN150B01
© Diodes Incorporated
Sub-Component P/N
Reference
Device Type
Figure
MMST3906
Q1
PNP Transistor
2
MMST3904
Q2
NPN Transistor
2
Maximum Ratings, Total Device @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Output Current
Iout
150
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
Pd
300
mW
Pder
2.33
mW/
°C
Power Derating Factor above 120
°C
Junction Operation and Storage Temperature Range
Tj,Tstg
-55 to +150
°C
Thermal Resistance, Junction to Ambient Air (Note 3)
(Equivalent to one heated junction of PNP transistor)
RθJA
417
°C/W
Notes:
1. No purposefully added lead.
2 . Diodes Inc.'s "Green" policy can be found on our website at http:/www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Page 9.


Similar Part No. - MMST3906

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST3906 TRSYS-MMST3906 Datasheet
200Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST3906 ROHM-MMST3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Diodes Incorporated
MMST3906 DIODES-MMST3906 Datasheet
42Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30079 Rev. 2P-1
logo
Galaxy Semi-Conductor H...
MMST3906 BILIN-MMST3906 Datasheet
328Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
Rectron Semiconductor
MMST3906 RECTRON-MMST3906 Datasheet
619Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (PNP)
More results

Similar Description - MMST3906

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMN400E01 DIODES-LMN400E01 Datasheet
549Kb / 10P
400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
logo
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
logo
Diodes Incorporated
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
DS30658 Rev. 7 - 2
LBN150B01 DIODES-LBN150B01_1 Datasheet
307Kb / 7P
150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 4 - 2
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 7 - 2
LBN150B01 DIODES-LBN150B01_15 Datasheet
307Kb / 7P
150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
Rev 4
logo
ON Semiconductor
MJL3281A ONSEMI-MJL3281A_13 Datasheet
114Kb / 5P
Complementary Bipolar Power Transistors
September, 2013 ??Rev. 11
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com