Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST3906 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMST3906
Description  150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST3906 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMST3906 Datasheet HTML 1Page - Diodes Incorporated MMST3906 Datasheet HTML 2Page - Diodes Incorporated MMST3906 Datasheet HTML 3Page - Diodes Incorporated MMST3906 Datasheet HTML 4Page - Diodes Incorporated MMST3906 Datasheet HTML 5Page - Diodes Incorporated MMST3906 Datasheet HTML 6Page - Diodes Incorporated MMST3906 Datasheet HTML 7Page - Diodes Incorporated MMST3906 Datasheet HTML 8Page - Diodes Incorporated MMST3906 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DS30749 Rev. 3 - 2
3 of 9
www.diodes.com
LBN150B01
© Diodes Incorporated
Electrical Characteristics: Discrete PNP Transistor (Q1) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
VCBO
-40
⎯
V
IC = -10uA, IE = 0
Collector-Emitter Breakdown Voltage
VCEO
-40
⎯
V
IC = -1.0mA, IB = 0
B
Emitter-Base Breakdown Voltage
VEBO
-6
⎯
V
IE = -10μA, IC = 0
Collector Cutoff Current
ICEX
⎯
-50
nA
VCE = -30V, VEB(OFF) = -3.0V
Base Cutoff Current
IBL
⎯
-50
nA
VCE = -30V, VEB(OFF) = -3.0V
Collector-Base Cut Off Current
ICBO
⎯
-50
nA
VCB = -30V, IE = 0
Collector-Emitter Cut Off Current
ICEO
⎯
-50
nA
VCE = -30V, IB = 0
B
Emitter-Base Cut Off Current
IEBO
⎯
-50
nA
VEB = -5V, IC = 0
ON CHARACTERISTICS (Note 4)
105
⎯
⎯
VCE = -1V, IC = -100 μA
110
⎯
⎯
VCE = -1V, IC = -1 mA
120
⎯
⎯
VCE = -1V, IC = -10 mA
90
⎯
⎯
VCE = -1V, IC = -50 mA
32
⎯
⎯
VCE = -1V, IC = -100 mA
DC Current Gain
hFE
10
⎯
⎯
VCE = -1V, IC = -200 mA
⎯
-0.08
IC = - 10 mA, IB = -1 mA
B
⎯
-0.15
IC = -50mA, IB = -5mA
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-0.5
V
IC = -200mA, IB = -20mA
Equivalent on-resistance
RCE(SAT)
⎯
2.5
Ω
IC = -200mA, IB = -20mA
B
Base-Emitter Turn-on Voltage
VBE(ON)
⎯
-0.92
V
VCE = -5V, IC = -200mA
⎯
-0.95
IC = -10mA, IB = -1mA
B
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
-1.1
V
IC = -50mA, IB = -5mA
B
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
COBO
⎯
4
pF
VCB = -5.0 V, f = 1.0 MHz, IE = 0
Input Capacitance
CIBO
⎯
8
pF
VEB = -5.0 V, f = 1.0 MHz, IC = 0
Input Impedance
hIE
2
12
K
Ω
Voltage Feedback ratio
hRE
0.1
10
x 10E-4
Small Signal Current Gain
hFE
100
400
⎯
Output Admittance
hOE
3
60
μS
VCE = 1.0V, Ic = 10mA, f = 1.0 KHz
Current Gain-Bandwidth Product
fT
250
⎯
MHz
VCE = - 20V, IC = -10mA, f = 100 MHz
Noise Figure
NF
⎯
4
dB
VCE = - 5V, Ic = -100 uA, Rs = 1Ω,
f =1 KHz
SWITCHING CHARACTERISTICS
Delay Time
td
⎯
35
ns
VCC = -3.0 V, IC = -10 mA,
Rise Time
tr
⎯
35
ns
VBE(OFF) = 0.5V, IB1 = -1.0 mA
Storage Time
ts
⎯
225
ns
VCC = -3.0 V, IC = -10 mA,
Fall Time
tf
⎯
75
ns
IB1 = IB2 = -1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com