Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD6V8LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TPD6V8LP
Description  SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TPD6V8LP Datasheet(HTML) 1 Page - Diodes Incorporated

  TPD6V8LP Datasheet HTML 1Page - Diodes Incorporated TPD6V8LP Datasheet HTML 2Page - Diodes Incorporated TPD6V8LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free Green
DS30914 Rev. 2 - 2
1 of 3
TPD6V8LP
www.diodes.com
ã Diodes Incorporated
·
Planar Die Construction
·
Ultra-Small Leadless Surface Mount Package
·
Ideally Suited for Automated Assembly Processes
·
Lead Free By Design/RoHS Compliant (Note 1)
·
"Green" Device (Note 2)
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 3)
@ IF = 10mA
VF
0.9
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Peak Pulse Power (tp = 8 x 20
ms) (Note 4)
Ppk
85
W
Peak Pulse Current (tp = 8 x 20
ms) (Note 4)
Ipp
4.5
A
ESD Rating
Human Body Model
Vpp
8kV
Machine Model
400
V
IEC61000-4-2 Air Discharge
25
kV
IEC61000-4-2 Contact Discharge
8
kV
Mechanical Data
TPD6V8LP
SURFACE MOUNT ZENER DIODE
·
Case: DFN1006-2
·
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: Cathode Dot
·
Terminals: Finish
¾ NiPdAu annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
·
Marking & Type Code Information: 9C
·
Ordering Information: See Last Page
·
Weight: 0.001 grams
Features
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
Pd
250
mW
Thermal Resistance, Junction to Ambient Air (Note 4)
RqJA
500
°C/W
Thermal Characteristics @ TA = 25°C unless otherwise specified
DFN1006-2
Dim
Min
Max
Typ
A
0.95
1.05
1.00
B
0.55
0.65
0.60
C
0.45
0.55
0.50
D
0.20
0.30
0.25
G
0.47
0.53
0.50
H
0
0.05
0.03
N
¾¾
0.40
R
0.05
0.15
0.10
All Dimensions in mm
D
G
H
B
C
R
N
A
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Short duration pulse test used to minimize self-heating effect.
4.
Part mounted on FR-4 PC board with recommended pad layout, as per http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - TPD6V8LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TPD6V8LP DIODES-TPD6V8LP Datasheet
117Kb / 3P
85W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30914 Rev. 6 - 2
TPD6V8LP-7 DIODES-TPD6V8LP-7 Datasheet
117Kb / 3P
85W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30914 Rev. 6 - 2
TPD6V8LP DIODES-TPD6V8LP_08 Datasheet
117Kb / 3P
85W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30914 Rev. 6 - 2
More results

Similar Description - TPD6V8LP

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com