Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD6V8LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # TPD6V8LP
Description  SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TPD6V8LP Datasheet(HTML) 2 Page - Diodes Incorporated

  TPD6V8LP Datasheet HTML 1Page - Diodes Incorporated TPD6V8LP Datasheet HTML 2Page - Diodes Incorporated TPD6V8LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30914 Rev. 2 - 2
2 of 3
TPD6V8LP
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
5. Short duration test pulse used to minimize self-heating effect.
Characteristic
Symbol
Value
Unit
Reverse Standoff Voltage
VRWM
5V
Breakdown Voltage @ IT = 5mA (Note 5)
Minimum
VBR
6.4
V
Maximum
7.2
Maximum Reverse Leakage @ VRWM
IR
0.5
mA
Maximum Clamping Voltage @ Ipp = 4.5A (tp = 8x20
ms)
VC
19
V
Typical Total Capacitance (VR = 0V, f = 1MHz)
CT
65
pF
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2
F
Typical Forward Characteristics
0.1
1
10
100
0.6
0.3
0.9
1.2
1.5
T= 25°C
j
T = 85°C
j
T = 150°C
j
T= 0°C
j
T = -65°C
j
10
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
0.01
0.1
1
100
4
5
6
7
8
T= 25°C
j
T= 0°C
j
T = 85°C
j
T = -65°C
j
T = 150°C
j
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 4 Typical Reverse Characteristics
R
0.0001
0.001
0.01
0.1
1
1
23
4
5
T= 25°C
j
T= 85°C
j
T = 150°C
j
T= 0°C
j
T = -65°C
j



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com