Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M42000004Z Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # M42000004Z
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M42000004Z Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button M42000004Z Datasheet HTML 41Page - Advanced Micro Devices M42000004Z Datasheet HTML 42Page - Advanced Micro Devices M42000004Z Datasheet HTML 43Page - Advanced Micro Devices M42000004Z Datasheet HTML 44Page - Advanced Micro Devices M42000004Z Datasheet HTML 45Page - Advanced Micro Devices M42000004Z Datasheet HTML 46Page - Advanced Micro Devices M42000004Z Datasheet HTML 47Page - Advanced Micro Devices M42000004Z Datasheet HTML 48Page - Advanced Micro Devices M42000004Z Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
44
Am42BDS640AG
November 1, 2002
P R E L I M INARY
AC CHARACTERISTICS
Note: Figure assumes 6 wait states for initial access, 40 MHz clock, and synchronous read. The Set Configuration Register
command sequence has been written with A18=0; device will output RDY one cycle before valid data.
Figure 15.
Burst with RDY Set One Cycle Before Data
D1
D0
D2
D3
Da + n
OE#
DQ15-DQ0
A21-A0
Aa
AVD#
RDY
CLK
CE#f
tCES
tACS
tAVDS
tAVD
tACH
tOE
tRACC
tOEZ
tCEZ
tIACC
tBDH
6 wait cycles for initial access shown.
25 ns typ. (40 MHz)
Hi-Z
Hi-Z
Hi-Z
1
2
3
456
tRDYS
tBACC
tACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com