Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M42000004Z Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # M42000004Z
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M42000004Z Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button M42000004Z Datasheet HTML 5Page - Advanced Micro Devices M42000004Z Datasheet HTML 6Page - Advanced Micro Devices M42000004Z Datasheet HTML 7Page - Advanced Micro Devices M42000004Z Datasheet HTML 8Page - Advanced Micro Devices M42000004Z Datasheet HTML 9Page - Advanced Micro Devices M42000004Z Datasheet HTML 10Page - Advanced Micro Devices M42000004Z Datasheet HTML 11Page - Advanced Micro Devices M42000004Z Datasheet HTML 12Page - Advanced Micro Devices M42000004Z Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
8
Am42BDS640AG
November 1, 2002
P R E L I M INARY
CONNECTION DIAGRAM
Note: VIOf must be tied to VCCf.
Special Package Handling Instructions
Special handling is required for Flash Memory prod-
ucts in molded packages (TSOP, BGA, PLCC, PDIP,
SSOP). The package and/or data integrity may be
compromised if the package body is exposed to tem-
peratures above 150
°C for prolonged periods of time.
NC
F1
G1
E2
F2
G2
H2
J2
L2
D3
E3
F3
G3
H3
J3
L3
D4
E4
F4
G4
H4
J4
L4
B5
D5
E5
H5
J5
L5
B6
D6
E6
H6
J6
L6
E7
F7
G7
H7
J7
L7
D8
E8
F8
G8
H8
J8
L8
E9
F9
G9
H9
J9
L9
F10
L10
G10
NC
NC
L1
M1
NC
NC
A2
A1
A0
NC
A6
A5
B2
D2
B3
AVD#
A3
NC
A4
VSS
DQ8
UB#
B4
CLK
A18
A17
DQ1
DQ2
NC
RESET#
RDY
DQ11
NC
CE2s
A20
F5
G5
F6
G6
NC
NC
NC
NC
NC
A19
B7
NC
A9
A10
DQ6
DQ5
A12
A13
A14
NC
DQ14
A21
NC
B8
B9
D9
NC
NC
A15
A16
CE#f
OE#
DQ9
DQ3
DQ4
DQ13
DQ15
NC
NC
NC
NC
VSS
VIOfNC
NC
NC
CE#1s
DQ0
DQ10
VCCfVCCs
DQ12
DQ7
VSS
K2
K3
K4
K5
K6
K7
K8
K9
NC
NC
M10
NC
NC
A10
B10
A1
B1
NC
NC
C3
C4
C5
C6
C7
C8
A7
C2
WP#
LB#
ACC
WE#
A8
A11
NC
C9
C1
NC
NC
NC
SRAM only
Shared
Flash only
D7
93-Ball FBGA
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com