Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV640MB110REF Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM29LV640MB110REF
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MB110REF Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM29LV640MB110REF Datasheet HTML 11Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 12Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 13Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 14Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 15Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 16Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 17Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 18Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
13
D A TA
SH EET
vice is in either of these standby modes, before it is
ready to read data.
If the device is deselected during erasure or program-
ming, the device draws active current until the
operation is completed.
See the table in DC Characteristics on page 43 for the
standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device en-
ergy consumption. The device automatically enables
this mode when addresses remain stable for t
ACC +
30 ns. The automatic sleep mode is independent of
the CE#, WE#, and OE# control signals. Standard ad-
dress access timings provide new data when ad-
dresses are changed. While in sleep mode, output
data is latched and always available to the system.
Refer to the DC Characteristics table for the automatic
sleep mode current specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of re-
setting the device to reading array data. When the RE-
SET# pin is driven low for at least a period of t
RP, the
device immediately ter minates any operation in
progress, tristates all output pins, and ignores all
read/write commands for the duration of the RESET#
pulse. The device also resets the internal state ma-
chine to reading array data. To ensure data integrity,
reinitiate the operation that was interrupted, once the
device is ready to accept another command se-
quence.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at V
SS±0.3 V, the device
draws CMOS standby current (I
CC4). If RESET# is held
at V
IL but not within VSS±0.3 V, the standby current is
greater.
The RESET# pin can be tied to the system reset cir-
cuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 16 for the timing diagram.
Output Disable Mode
When the OE# input is at V
IH, output from the device is
disabled. The output pins are placed in the high
impedance state.
Table 2.
Am29LV640MT Top Boot Sector Architecture
Sector
Sector Address
A21–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
SA0
0000000xxx
64/32
000000h–00FFFFh
00000h–07FFFh
SA1
0000001xxx
64/32
010000h–01FFFFh
08000h–0FFFFh
SA2
0000010xxx
64/32
020000h–02FFFFh
10000h–17FFFh
SA3
0000011xxx
64/32
030000h–03FFFFh
18000h–1FFFFh
SA4
0000100xxx
64/32
040000h–04FFFFh
20000h–27FFFh
SA5
0000101xxx
64/32
050000h–05FFFFh
28000h–2FFFFh
SA6
0000110xxx
64/32
060000h–06FFFFh
30000h–37FFFh
SA7
0000111xxx
64/32
070000h–07FFFFh
38000h–3FFFFh
SA8
0001000xxx
64/32
080000h–08FFFFh
40000h–47FFFh
SA9
0001001xxx
64/32
090000h–09FFFFh
48000h–4FFFFh
SA10
0001010xxx
64/32
0A0000h–0AFFFFh
50000h–57FFFh
SA11
0001011xxx
64/32
0B0000h–0BFFFFh
58000h–5FFFFh
SA12
0001100xxx
64/32
0C0000h–0CFFFFh
60000h–67FFFh
SA13
0001101xxx
64/32
0D0000h–0DFFFFh
68000h–6FFFFh
SA14
0001101xxx
64/32
0E0000h–0EFFFFh
70000h–77FFFh
SA15
0001111xxx
64/32
0F0000h–0FFFFFh
78000h–7FFFFh
SA16
0010000xxx
64/32
100000h–00FFFFh
80000h–87FFFh
SA17
0010001xxx
64/32
110000h–11FFFFh
88000h–8FFFFh
SA18
0010010xxx
64/32
120000h–12FFFFh
90000h–97FFFh
SA19
0010011xxx
64/32
130000h–13FFFFh
98000h–9FFFFh
SA20
0010100xxx
64/32
140000h–14FFFFh
A0000h–A7FFFh
SA21
0010101xxx
64/32
150000h–15FFFFh
A8000h–AFFFFh
SA22
0010110xxx
64/32
160000h–16FFFFh
B0000h–B7FFFh
SA23
0010111xxx
64/32
170000h–17FFFFh
B8000h–BFFFFh
SA24
0011000xxx
64/32
180000h–18FFFFh
C0000h–C7FFFh
SA25
0011001xxx
64/32
190000h–19FFFFh
C8000h–CFFFFh
SA26
0011010xxx
64/32
1A0000h–1AFFFFh
D0000h–D7FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com