Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV640MB110REF Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29LV640MB110REF
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MB110REF Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29LV640MB110REF Datasheet HTML 12Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 13Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 14Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 15Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 16Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 17Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 18Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 19Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
14
Am29LV640MT/B
26190C8 February 1, 2007
D A TA
SH EE T
SA27
0011011xxx
64/32
1B0000h–1BFFFFh
D8000h–DFFFFh
SA28
0011000xxx
64/32
1C0000h–1CFFFFh
E0000h–E7FFFh
SA29
0011101xxx
64/32
1D0000h–1DFFFFh
E8000h–EFFFFh
SA30
0011110xxx
64/32
1E0000h–1EFFFFh
F0000h–F7FFFh
SA31
0011111xxx
64/32
1F0000h–1FFFFFh
F8000h–FFFFFh
SA32
0100000xxx
64/32
200000h–20FFFFh
F9000h–107FFFh
SA33
0100001xxx
64/32
210000h–21FFFFh
108000h–10FFFFh
SA34
0100010xxx
64/32
220000h–22FFFFh
110000h–117FFFh
SA35
0101011xxx
64/32
230000h–23FFFFh
118000h–11FFFFh
SA36
0100100xxx
64/32
240000h–24FFFFh
120000h–127FFFh
SA37
0100101xxx
64/32
250000h–25FFFFh
128000h–12FFFFh
SA38
0100110xxx
64/32
260000h–26FFFFh
130000h–137FFFh
SA39
0100111xxx
64/32
270000h–27FFFFh
138000h–13FFFFh
SA40
0101000xxx
64/32
280000h–28FFFFh
140000h–147FFFh
SA41
0101001xxx
64/32
290000h–29FFFFh
148000h–14FFFFh
SA42
0101010xxx
64/32
2A0000h–2AFFFFh
150000h–157FFFh
SA43
0101011xxx
64/32
2B0000h–2BFFFFh
158000h–15FFFFh
SA44
0101100xxx
64/32
2C0000h–2CFFFFh
160000h–167FFFh
SA45
0101101xxx
64/32
2D0000h–2DFFFFh
168000h–16FFFFh
SA46
0101110xxx
64/32
2E0000h–2EFFFFh
170000h–177FFFh
SA47
0101111xxx
64/32
2F0000h–2FFFFFh
178000h–17FFFFh
SA48
0110000xxx
64/32
300000h–30FFFFh
180000h–187FFFh
SA49
0110001xxx
64/32
310000h–31FFFFh
188000h–18FFFFh
SA50
0110010xxx
64/32
320000h–32FFFFh
190000h–197FFFh
SA51
0110011xxx
64/32
330000h–33FFFFh
198000h–19FFFFh
SA52
0100100xxx
64/32
340000h–34FFFFh
1A0000h–1A7FFFh
SA53
0110101xxx
64/32
350000h–35FFFFh
1A8000h–1AFFFFh
SA54
0110110xxx
64/32
360000h–36FFFFh
1B0000h–1B7FFFh
SA55
0110111xxx
64/32
370000h–37FFFFh
1B8000h–1BFFFFh
SA56
0111000xxx
64/32
380000h–38FFFFh
1C0000h–1C7FFFh
SA57
0111001xxx
64/32
390000h–39FFFFh
1C8000h–1CFFFFh
SA58
0111010xxx
64/32
3A0000h–3AFFFFh
1D0000h–1D7FFFh
SA59
0111011xxx
64/32
3B0000h–3BFFFFh
1D8000h–1DFFFFh
SA60
0111100xxx
64/32
3C0000h–3CFFFFh
1E0000h–1E7FFFh
SA61
0111101xxx
64/32
3D0000h–3DFFFFh
1E8000h–1EFFFFh
SA62
0111110xxx
64/32
3E0000h–3EFFFFh
1F0000h–1F7FFFh
SA63
0111111xxx
64/32
3F0000h–3FFFFFh
1F8000h–1FFFFFh
SA64
1000000xxx
64/32
400000h–40FFFFh
200000h–207FFFh
SA65
1000001xxx
64/32
410000h–41FFFFh
208000h–20FFFFh
SA66
1000010xxx
64/32
420000h–42FFFFh
210000h–217FFFh
SA67
1000011xxx
64/32
430000h–43FFFFh
218000h–21FFFFh
SA68
1000100xxx
64/32
440000h–44FFFFh
220000h–227FFFh
SA69
1000101xxx
64/32
450000h–45FFFFh
228000h–22FFFFh
SA70
1000110xxx
64/32
460000h–46FFFFh
230000h–237FFFh
SA71
1000111xxx
64/32
470000h–47FFFFh
238000h–23FFFFh
SA72
1001000xxx
64/32
480000h–48FFFFh
240000h–247FFFh
SA73
1001001xxx
64/32
490000h–49FFFFh
248000h–24FFFFh
SA74
1001010xxx
64/32
4A0000h–4AFFFFh
250000h–257FFFh
SA75
1001011xxx
64/32
4B0000h–4BFFFFh
258000h–25FFFFh
SA76
1001100xxx
64/32
4C0000h–4CFFFFh
260000h–267FFFh
SA77
1001101xxx
64/32
4D0000h–4DFFFFh
268000h–26FFFFh
SA78
1001110xxx
64/32
4E0000h–4EFFFFh
270000h–277FFFh
SA79
1001111xxx
64/32
4F0000h–4FFFFFh
278000h–27FFFFh
SA80
1010000xxx
64/32
500000h–50FFFFh
280000h–28FFFFh
SA81
1010001xxx
64/32
510000h–51FFFFh
288000h–28FFFFh
Table 2.
Am29LV640MT Top Boot Sector Architecture (Continued)
Sector
Sector Address
A21–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com