Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSTX304S Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # SSTX304S
Description  SSTX304S PNP General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

SSTX304S Datasheet(HTML) 1 Page - Burland Technology Solutions

  SSTX304S Datasheet HTML 1Page - Burland Technology Solutions SSTX304S Datasheet HTML 2Page - Burland Technology Solutions SSTX304S Datasheet HTML 3Page - Burland Technology Solutions SSTX304S Datasheet HTML 4Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N2116, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SSTX304S
SSTX304S PNP General Purpose Amplifier
TRANSISTOR(Q1)
Characteristic
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-0.6
A
DIODE(D1)
Characteristic
Symbol
Limits
Unit
Maximum (peak) Forward Current
IFM
450
mA
Average Forward Current
IO
150
mA
Surge Current (100uS)
IFSM
2
A
COMMON
Characteristic
Symbol
Limits
Unit
Maximum Output (Pin1-Pin3)Voltage
VO
-60
V
Power Dissipation
PC
350
mW
Junction Temperature Range
Tj
150
°C
Storage Temperature Range
Tstg
-55~150
°C
Features
Schematic & Pin Configuration
Mechanical Characteristics
Maximum Ratings@TA=25°C unless otherwise specified
Low saturation Voltage(Transistor)
:VCE(sat)=-0.4V(Max.);IC=-150mA,IB=-15mA
Fast Reverse Recovery Time(Diode)
Capable of 350mWatts of Power Dissipation
Operating and Storage Junction Temperatures: -55℃ to 150℃
Surface Mount SOT-23 Package
RoHS compliant / Green EMC
Collector current: IC=-0.6A
SOT-23
Case: SOT-23, Molded Plastic
Terminals: Plated leads Solderable per MIL-STD-202,
Method 208
Mounting Position: Any
DIODE(D1)
1. EMITTER/CATHODE
2. BASE
3. COLLECTOR/ANODE


Similar Part No. - SSTX304S

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SSTX304S SMCDIODE-SSTX304S Datasheet
170Kb / 4P
PNP General Purpose Amplifier
Rev. A
More results

Similar Description - SSTX304S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com