Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSTX304S Datasheet(PDF) 2 Page - Burland Technology Solutions

Part # SSTX304S
Description  SSTX304S PNP General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

SSTX304S Datasheet(HTML) 2 Page - Burland Technology Solutions

  SSTX304S Datasheet HTML 1Page - Burland Technology Solutions SSTX304S Datasheet HTML 2Page - Burland Technology Solutions SSTX304S Datasheet HTML 3Page - Burland Technology Solutions SSTX304S Datasheet HTML 4Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N2116, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SSTX304S
TRANSISTOR(Q1)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-base breakdown voltage
VCBO
IC=-10μA, IE=0
-60
V
Emitter-base breakdown voltage
VEBO
IE=-10μA, IC=0
-5
V
Collector cutoff current
ICBO
VCB=-50V, IE=0
-10
nA
DC current gain
hFE
hFE(1) IC=-0.1mA,VCE=-10V*
75
hFE(2) IC=-1mA,VCE=-10V*
100
hFE(3) IC=-10mA,VCE=-10V*
100
hFE(4) IC=-150mA,VCE=-10V*
100
300
hFE(5) IC=-500mA,VCE=-10V*
50
Collector-emitter saturation voltage
VCE(sat)
IC=-150mA,IB=-15mA*
IC=-500mA,IB=-50mA*
-0.4
-1.6
V
Base-emitter saturation soltage
VBE(sat)
IC=-150mA,IB=-15mA*
IC=-500mA,IB=-50mA*
-1.3
-2.6
V
Input Capacitance
Cib
VEB=-2V,IC=0,f=1.0MHZ
17.5
pF
* Measured under pulsed conditions, Pulse width < 300 µs, duty cycle < 2%
DIODE(D1)
COMMON
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging
specification.
Electrical Characteristics @TA=25°C unless otherwise specified
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Forward Voltage Drop
VF1
IF=1mA
0.60
V
IF=10mA
0.72
IF=100mA
0.90
1.2
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Output Voltage
VO
IO=-1mA, IB=0
-60
V
Output Leakage Current
Io(off)
VO=-30V, VEB=-0.5V
-0.5
uA
Output Capacitance
COb
VR=-10V,IE=0,f=1MHZ
8.5
pF
Ordering Information
Device
Package
Shipping
Tape wide
Emboss pitch
SSTX304S
SOT-23
3000 pcs / reel
8mm
4mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com