Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT-080S070STF Datasheet(PDF) 3 Page - Inventronics Inc.

Part # LMT-080S070STF
Description  80W Non-isolated IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LMT-080S070STF Datasheet(HTML) 3 Page - Inventronics Inc.

  LMT-080S070STF Datasheet HTML 1Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 2Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 3Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 4Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 5Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 6Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 7Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 8Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 / 11
Specifications are subject to changes without notice.
80W Non-isolated IP20 Driver
LMT-080SxxxSTF
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
General Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
MTBF
-
327,000
Hours
-
Measured at 220Vac input, 80%Load and
25
°C ambient temperature (MIL-HDBK-217F)
Lifetime
-
89,000
Hours
-
Measured at 220Vac input, 80%Load and
70
°C case temperature; See lifetime vs. Tc
curve for the details
Operating Case Temperature
for Safety Tc_s
-30°C
+90°C
Operating Case Temperature
for Warranty Tc_w
-30°C
+75°C
Case temperature for 5 years warranty.
No condensation.
Storage Temperature
-30°C
-
+85°C
Humidity: 5%RH to 85%RH;
No condensation.
Dimensions
Inches (L × W × H)
Millimeters (L × W ×H)
11.02 × 1.18 × 0.83
280 × 30 × 21
Net Weight
-
245 g
-
Note: All specifications are typical at 25
°C unless otherwise stated.
Safety & EMC Compliance
Safety Category
Standard
ENEC & CE
EN61347-1, EN61347-2-13
CCC
GB 19510.1, GB 19510.14
KS
KS C 7655
Performance
Standard
ENEC
EN 62384
EMI Standards
Notes
EN 55015/GB 17743
(1)
Conducted emission Test &Radiated emission Test
EN 61000-3-2/GB 17625.1
Harmonic current emissions
EN 61000-3-3
Voltage fluctuations & flicker
EMS Standards
Notes
EN 61000-4-2
Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge
EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN 61000-4-4
Electrical Fast Transient / Burst-EFT
EN 61000-4-5
Surge Immunity Test: AC Power Line: Differential Mode 1 kV, Common Mode 2 kV
EN 61000-4-6
Conducted Radio Frequency Disturbances Test-CS
EN 61000-4-8
Power Frequency Magnetic Field Test
EN 61000-4-11
Voltage Dips



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com