Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT-080S070STF Datasheet(PDF) 1 Page - Inventronics Inc.

Part # LMT-080S070STF
Description  80W Non-isolated IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LMT-080S070STF Datasheet(HTML) 1 Page - Inventronics Inc.

  LMT-080S070STF Datasheet HTML 1Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 2Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 3Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 4Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 5Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 6Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 7Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 8Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 / 11
Specifications are subject to changes without notice.
80W Non-isolated IP20 Driver
LMT-080SxxxSTF
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Features
Description
The LMT-080SxxxSTF series is a 80W, constant-current, IP20 LED driver that operates from 198-264 Vac input
with excellent power factor. Created for linear troffer and panel lighting, the high efficiency of these drivers and
slim metal case enables them to run cooler, significantly improving reliability and extending product life. To
ensure trouble-free operation, protection is provided against over voltage, short circuit, and over temperature.
Models
Adjustable
Output
Current
Range
Full-Power
Current
Range (1)
Default
Output
Current
Input
Voltage
Range(2)
Output
Voltage
Range
Max.
Output
Power
Typical
Efficiency
(3)
Power
Factor
(3)
Model Number
250-500mA 350-500mA
﹤
250mA
198~264 Vac
190~250 Vdc
96-229Vdc
80 W
94.0%
0.98
LMT-080S050STF
340-700mA 500-700mA
﹤
340mA
198~264 Vac
190~250 Vdc
68-160Vdc
80 W
94.0%
0.98
LMT-080S070STF
500-1050mA 700-1050mA ﹤500mA
198~264 Vac
190~250 Vdc
45-114Vdc
80 W
93.0%
0.98
LMT-080S105STF
Notes:
(1) Output current range with constant power at 80W
(2) Certified voltage range: 220-240Vac or 190-250Vdc (except CCC)
(3) Measured at 100% load and 220Vac input (see below “General Specifications” for details).
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input Voltage
198 Vac
-
264 Vac
190~250 Vdc
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.70 mA
IEC60598-1; 240Vac/ 60Hz
Input AC Current
-
-
0.43 A
Measured at 100% load and 220 Vac input.
Inrush Current(I
2t)
-
-
0.35 A
2s
At 220Vac input, 25
°C Cold Start, Duration
=194 μs, 10%Ipk-10%Ipk. See Inrush Current
Waveform for the details.
•
Ultra High Efficiency (Up to 94.0%)
•
Adjustable Output Current (AOC) with External Resistor
•
Full Power at Wide Output Current Range (Constant Power)
•
Flicker- Free
•
Non-dimming Control
•
89,000 Hours Lifetime at 70°C Case Temperature
•
Input Surge Protection: 1kV line-line, 2kV line-earth
•
Suitable for Luminaires with Protection Class I
•
Complies with Zhaga Interface Specification Book 13
•
Non-Isolated Design
•
5 Year Warranty


Similar Part No. - LMT-080S070STF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LMT-160S070STF INVENTRONICS-LMT-160S070STF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
LMT-160S105STF INVENTRONICS-LMT-160S105STF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
LMT-160S150STF INVENTRONICS-LMT-160S150STF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
LMT-160SXXXSTF INVENTRONICS-LMT-160SXXXSTF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
More results

Similar Description - LMT-080S070STF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM16A-D12 MURATA-LSM16A-D12 Datasheet
372Kb / 12P
Non-Isolated, 13-80W SMT DC/DC Converters
logo
List of Unclassifed Man...
WS9445P ETC2-WS9445P Datasheet
843Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Bright Power Semiconduc...
BP2513D BPS-BP2513D Datasheet
612Kb / 8P
Non-Isolated CCCV Driver IC
Rev.1.0
logo
Inventronics Inc.
DS-EBS-080SXXXDT2 INVENTRONICS-DS-EBS-080SXXXDT2 Datasheet
607Kb / 12P
80W Class I/II Programmable IP20 Driver
Rev.C
LMT-160SXXXSTF INVENTRONICS-LMT-160SXXXSTF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
LNT-350SXXXSTF INVENTRONICS-LNT-350SXXXSTF Datasheet
301Kb / 8P
350W Non-isolated IP20 Driver
Rev. A
NEL-400SXXXMP INVENTRONICS-NEL-400SXXXMP Datasheet
778Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NEL-400SXXXMX INVENTRONICS-NEL-400SXXXMX Datasheet
799Kb / 13P
400W Non-Isolated Driver
Rev.B
NTL-400SXXXMP INVENTRONICS-NTL-400SXXXMP Datasheet
727Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
600W Non-Isolated Driver
Rev.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com