Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9236 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9236
Description  12-Bit, 80 MSPS, 3 V A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9236 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9236 Datasheet HTML 9Page - Analog Devices AD9236 Datasheet HTML 10Page - Analog Devices AD9236 Datasheet HTML 11Page - Analog Devices AD9236 Datasheet HTML 12Page - Analog Devices AD9236 Datasheet HTML 13Page - Analog Devices AD9236 Datasheet HTML 14Page - Analog Devices AD9236 Datasheet HTML 15Page - Analog Devices AD9236 Datasheet HTML 16Page - Analog Devices AD9236 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD9236
Rev. B | Page 13 of 36
72.0
68.5
69.0
69.5
70.0
70.5
71.0
–40
°C
+25
°C
+85
°C
71.5
68.0
0
25
50
75
100
125
INPUT FREQUENCY (MHz)
03066-0-045
100
–40
°C
+25
°C
+85
°C
70
75
80
85
90
95
0
25
50
75
100
125
INPUT FREQUENCY (MHz)
03066-0-047
Figure 21. SNR vs. Input Frequency
Figure 24. SFDR vs. Input Frequency
95
60
65
70
75
80
85
90
55
30
35
40
45
50
55
60
65
70
DUTY CYCLE (%)
03066-0-046
SFDR (DCS ON)
SFDR (DCS OFF)
SNR (DCS ON)
SNR (DCS OFF)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
7.68
15.36
23.04
30.72
FREQUENCY (MHz)
03066-0-061
Figure 22. SNR/SFDR vs. Clock Duty Cycle
Figure 25. 32K FFT WCDMA Carrier @ FIN =76.8 MHz,
Sample Rate = 61.44 MSPS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
7.68
15.36
23.04
30.72
FREQUENCY (MHz)
03066-0-060
Figure 23. 32K FFT CDMA-2000 Carrier @ FIN = 46.08 MHz, Sample Rate =
61.44 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com