Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0502BAHTG Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SP0502BAHTG
Description  300Wattspeakpulsepower(tp =8/20μs)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SP0502BAHTG Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SP0502BAHTG Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SP0502BAHTG Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SP0502BAHTG Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SP0502BAHTG Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Rating
Rating
Symbol
Value
Units
Peak Pulse Power ( tp =8/20μs )
PPP
300
Watts
Peak Pulse Current ( tp =8/20μs )(note1)
Ipp
17
A
ESD per IEC 61000-4-2(Air)
ESD per IEC 61000-4-2(Contact)
VESD
30
30
kV
Lead SolderingTemperature
TL
260(10seconds)
℃
JunctionTemperature
TJ
-55 to + 125
℃
StorageTemperature
Tstg
-55 to + 125
℃
ElectricalCharacteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Units
Reverse Stand-OffVoltage
VRWM
5
V
Reverse BreakdownVoltage
VBR
IT=1mA
6.0
7.0
8.5
V
Reverse LeakageCurrent
IR
VRWM=5V,T=25℃
0.5
1
μA
Peak PulseCurrent
IPP
tp =8/20μs
17
A
ClampingVoltage
VC
IPP=1
0A,tp=8/20μs
1
5
V
IPP=
17A,tp=8/20μs
16
V
JunctionCapacitance
Cj
VR = 0V, f =1MHz
(pin1、pin2 topin3)
1
50
pF
Electrical Parameters (TA = 25°C unless otherwisenoted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @
IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @
VRWM
VBR
Breakdown Voltage @
IT
IT
Test Current
Note:.
8/20μs pulsewaveform.
I
IF
VC VBR VRWM
IR VF
IT
V
IPP
12
UMW R
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
SP0502BAHTG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com