Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0502BAHTG Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SP0502BAHTG
Description  300Wattspeakpulsepower(tp =8/20μs)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SP0502BAHTG Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SP0502BAHTG Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SP0502BAHTG Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SP0502BAHTG Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SP0502BAHTG Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
300Wattspeakpulsepower(tp =
8/20μs)
Unidirectionalconfigurations
Solid-statesilicon-avalanchetechnology
Low clampingvoltage
Low leakagecurrent
Low capacitance(Cj=120pF typ.)
Protectiontwo datalines
IEC 61000-4-2±30kV contact±30kV air
IEC 61000-4-4(EFT) 40A(5/50ns)
IEC 61000-4-5(Lightning) 17
A(8/20μs)
Applications
Dataline
Automatic Teller Machines
Net works
Power line
MechanicalData
SOT-23 package
Molding compound flammability rating: UL 94V-0
Packaging: Tape and Reel
RoHS Compliant
1
3
2
3
1
2
SOT-23 (Top View)
UMW R
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
SP0502BAHTG


Similar Part No. - SP0502BAHTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0502BAHTG LITTELFUSE-SP0502BAHTG Datasheet
178Kb / 7P
SP050xBA Lead-Free/Green Series
SP0502BAHTG LITTELFUSE-SP0502BAHTG Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP0502BAHTG LITTELFUSE-SP0502BAHTG Datasheet
1Mb / 9P
30pF 30kV Unidirectional TVS Array
SP0502BAHTG LITTELFUSE-SP0502BAHTG Datasheet
964Kb / 7P
8pF 15kV Unidirectional TVS Array
More results

Similar Description - SP0502BAHTG

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
200W peak pulse power (tp =8/20μs)
PESD24VL1BA UMW-PESD24VL1BA Datasheet
204Kb / 4P
300W peak pulse power (tp = 8/20μs)
PESD24VL2BT UMW-PESD24VL2BT Datasheet
284Kb / 3P
280W peak pulse power (tp= 8/20μs)
PESD3V3L1BA UMW-PESD3V3L1BA Datasheet
401Kb / 4P
480W peak pulse power (tp =8/20μs)
PESD3V3L1UA UMW-PESD3V3L1UA Datasheet
615Kb / 4P
300Watts peak pulse power (tp = 8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
PESD3V3V1BCSF UMW-PESD3V3V1BCSF Datasheet
383Kb / 4P
70W peak pulse power (tp =8/20μs
PESD5V0L2BT UMW-PESD5V0L2BT Datasheet
303Kb / 3P
350W peak pulse power (tp=8/20μs)
PRTR5V0U2X UMW-PRTR5V0U2X Datasheet
340Kb / 3P
40W peak pulse power (tp = 8/20μs)
TPD1E05U06D UMW-TPD1E05U06D Datasheet
489Kb / 3P
45W peak pulse power (tp = 8/20μs)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com