Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GT28DPBF Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM29BDD160GT28DPBF
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBF Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBF Datasheet HTML 13Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 14Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 15Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 16Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 17Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 18Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 19Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 20Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
June 7, 2006
Am29BDD160G
15
If the device is deselected during erasure or program-
ming, the device draws active current until the opera-
tion is completed.
I
CC5 in the “DC Characteristics” section on page 53
represents the standby current specification.
Caution: entering the standby mode via the RESET#
pin also resets the device to the read mode and floats
the data I/O pins. Furthermore, entering I
CC7 during a
program or erase operation will leave erroneous data
in the address locations being operated on at the time
of the RESET# pulse. These locations require updat-
ing after the device resumes standard operations.
Refer to the “RESET#: Hardware Reset Pin” section
for further discussion of the RESET# pin and its func-
tions.
RESET#: Hardware Reset Pin
The RESET# pin is an active low signal that is used to
reset the device under any circumstances. A logic “0”
on this pin forces the device out of any mode that is
currently executing back to the reset state. The RE-
SET# pin may be tied to the system reset circuitry. A
system reset would thus also reset the device. To
avoid a potential bus contention during a system reset,
the device is isolated from the DQ data bus by tristat-
ing the data output pins for the duration of the RESET
pulse. All pins are “don’t care” during the reset opera-
tion.
If RESET# is asserted during a program or erase op-
eration, the RY/BY# pin remains low until the reset op-
eration is internally complete. This action requires
between 1 µs and 7µs for either Chip Erase or Sector
Erase. The RY/BY# pin can be used to determine
when the reset operation is complete. Otherwise,
allow for the maximum reset time of 11 µs. If RESET#
is asserted when a program or erase operation is not
executing (RY/BY# = “1”), the reset operation will com-
plete within 500 ns. Since the Am29BDD160 is a Si-
multaneous Operation device the user may read a
bank after 500 ns if the bank was in the read/reset
mode at the time RESET# was asserted. If one of the
banks was in the middle of either a program or erase
operation when RESET# was asserted, the user must
wait 11 µs before accessing that bank.
Asserting RESET# during a program or erase opera-
tion leaves erroneous data stored in the address loca-
tions being operated on at the time of device reset.
These locations need updating after the reset opera-
tion is complete. See Figure 19 for timing specifica-
tions.
A ss er t i ng RE S ET# a ct i ve d u ri ng V
CC a nd V IO
power-up is required to guarantee proper device ini-
tialization until V
CC and VIO have reached their steady
state voltages.
Output Disable Mode
See Table 1 Device Bus Operation for OE# Operation
in Output Disable Mode.
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be pro-
gra mm ed with its co rresponding p rog ramming
algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires V
ID on address pin A9. Address pins
A6, A1, and A0 must be as shown in Table 12 (top
boot devices) or Table 13 (bottom boot devices). In ad-
dition, when verifying sector protection, the sector ad-
dress must appear on the appropriate highest order
address bits (see Tables 11 and 12). See Table 5
shows the remaining address bits that are don’t care.
When all necessary bits have been set as required,
the programming equipment may then read the corre-
sponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command. This method does not require V
ID. See
“Command Definitions” for details on using the autose-
lect mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com