Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GT28DPBF Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM29BDD160GT28DPBF
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBF Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBF Datasheet HTML 60Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 61Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 62Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 63Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 64Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 65Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 66Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 67Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
62
Am29BDD160G
June 7, 2006
AC CHARACTERISTICS
Hardware Reset (RESET#)
Note: Not 100% tested.
Parameter
Description
All Speed Options
JEDEC
Std.
Test Setup
Unit
t
READY
RESET# Pin Low (During Embedded
Algorithms) to Read or Write (See Note)
Max11
µs
t
READY
RESET# Pin Low (NOT During Embedded
Algorithms) to Read or Write (See Note)
Max500
ns
t
RP
RESET# Pulse Width
Min500
ns
t
RH
RESET# High Time Before Read (See
Note)
Min50
ns
tRPD
RESET# Low to Standby Mode
Min20
µs
tRB
RY/BY# Recovery Time
Min0
ns
t
READY
RESET# Active for Bank NOT Executing
Embedded Algorithm
Max500
ns
t
RH
RESET# High Time before ReadMax50
ns
t
READY
RESET# Active for Bank Executing
Embedded Algorithm
Max11
µs
t
DRNE
RESET# Delay to Read Mode During
Normal Erase
Max7
µs
t
RMX
RESET# Delay to Read Mode if RESET# is
held active for maximum delay (see
previous two parameters)
Max50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com