Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD640G83UI Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # PD640G83UI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G83UI Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button PD640G83UI Datasheet HTML 13Page - Advanced Micro Devices PD640G83UI Datasheet HTML 14Page - Advanced Micro Devices PD640G83UI Datasheet HTML 15Page - Advanced Micro Devices PD640G83UI Datasheet HTML 16Page - Advanced Micro Devices PD640G83UI Datasheet HTML 17Page - Advanced Micro Devices PD640G83UI Datasheet HTML 18Page - Advanced Micro Devices PD640G83UI Datasheet HTML 19Page - Advanced Micro Devices PD640G83UI Datasheet HTML 20Page - Advanced Micro Devices PD640G83UI Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
December 13, 2005
Am29PDL640G
15
D A TA SH EE T
Table 5.
Bank Address
Table 6.
SecSi
TM Sector Addresses
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be pro-
gramm ed with its correspond ing program min g
algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires V
ID on address pin A9. Address pins
must be as shown in Table 7. In addition, when verify-
ing sector protection, the sector address must appear
on the appropriate highest order address bits (see
Table 4). Table 7 shows the remaining address bits
that are don’t care. When all necessary bits have been
set as required, the programming equipment may then
read the corresponding identifier code on DQ7–DQ0.
However, the autoselect codes can also be accessed
in-system through the command register, for instances
when the device is erased or programmed in a system
without access to high voltage on the A9 pin. The com-
mand sequence is illustrated in Table 14. Note that if a
Bank Address (BA) on address bits A21, A20, and A19
is asserted during the third write cycle of the autose-
lect command, the host system can read autoselect
data that bank and then immediately read array data
from the other bank, without exiting the autoselect
mode.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 14. This method
does not require V
ID. Refer to the Autoselect Com-
mand Sequence section for more information.
SA119
1110000xxx
32
380000h–387FFFh
SA120
1110001xxx
32
388000h–38FFFFh
SA121
1110010xxx
32
390000h–397FFFh
SA122
1110011xxx
32
398000h–39FFFFh
SA123
1110100xxx
32
3A0000h–3A7FFFh
SA124
1110101xxx
32
3A8000h–3AFFFFh
SA125
1110110xxx
32
3B0000h–3B7FFFh
SA126
1110111xxx
32
3B8000h–3BFFFFh
SA127
1111000xxx
32
3C0000h–3C7FFFh
SA128
1111001xxx
32
3C8000h–3CFFFFh
SA129
1111010xxx
32
3D0000h–3D7FFFh
SA130
1111011xxx
32
3D8000h–3DFFFFh
SA131
1111100xxx
32
3E0000h–3E7FFFh
SA132
1111101xxx
32
3E8000h–3EFFFFh
SA133
1111110xxx
32
3F0000h–3F7FFFh
SA134
1111111000
4
3F8000h–3F8FFFh
SA135
1111111001
4
3F9000h–3F9FFFh
SA136
1111111010
4
3FA000h–3FAFFFh
SA137
1111111011
4
3FB000h–3FBFFFh
SA138
1111111100
4
3FC000h–3FCFFFh
SA139
1111111101
4
3FD000h–3FDFFFh
SA140
1111111110
4
3FE000h–3FEFFFh
SA141
1111111111
4
3FF000h–3FFFFFh
Bank
A21–A19
A000
B
001, 010, 011
C
100, 101, 110
D111
Device
Sector Size
Address Range
Am29PDL640G
128 words
00000h–0007Fh
Table 4.
Am29PDL640G Sector Architecture
Bank
Sector
Sector
Address
A21–A12
Sector
Size
(Kwords)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com